Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175SP-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7175SP-13
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175SP-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7175SP-13 Datasheet HTML 1Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 2Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 3Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 4Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 5Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 6Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 7Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 8Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
3 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 to +4.0
V
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 to +7.0
V
VOUT
VOUT to GND Voltage
-0.3 to VIN +0.3
V
PG to GND Voltage
-0.3 to +7.0
V
EN, FB to GND Voltage
-0.3 to VCNTL +0.3
V
PD
Power Dissipation (SO-8EP)
1.7
W
Power Dissipation (MSOP-8EP)
1.5
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 to +150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Note:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCNTL
VCNTL Supply Voltage
3.0
5.5
V
VIN
VIN Supply Voltage
1.2
3.65
V
VOUT
VOUT Output Voltage (when VCNTL-VOUT >1.9V)
0.8
VIN - VDROP
V
IOUT
VOUT Output Current
Continuous Current
0
3
A
Peak Current
0
4
COUT
VOUT Output Capacitance
IOUT = 3A at 25% nominal VOUT
8
1100
µF
IOUT = 2A at 25% nominal VOUT
8
1700
IOUT = 1A at 25% nominal VOUT
8
2400
ESRCOUT
ESR of VOUT Output Capacitor
0
200
m
Ω
TA
Ambient Temperature
-40
+85
°C
TJ
Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com