Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175SP-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7175SP-13
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175SP-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7175SP-13 Datasheet HTML 1Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 2Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 3Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 4Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 5Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 6Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 7Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 8Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
4 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
Electrical Characteristics
(VCNTL = 5V, VIN = 1.8V, VOUT = 1.2V and TA = -40 to +85°C, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
AP7175
Unit
Min
Typ
Max
SUPPLY CURRENT
IVCNTL
VCNTL Supply Current
EN = VCNTL, IOUT=0A
—
1.0
1.5
mA
ISD
VCNTL Supply Current at
Shutdown
EN = GND
—
15
30
µA
VIN Supply Current at Shutdown
EN = GND, VIN=3.65V
—
—
1
µA
POWER-ON-RESET (POR)
Rising VCNTL POR Threshold
2.5
2.7
2.95
V
VCNTL POR Hysteresis
—
0.4
—
V
Rising VIN POR Threshold
0.8
0.9
1.0
V
VIN POR Hysteresis
—
0.5
—
V
OUTPUT VOLTAGE
VREF
Reference Voltage
FB = VOUT
—
0.8
—
V
Output Voltage Accuracy
VCNTL =3.0 ~ 5.5V, IOUT = 0 to 3A,
TJ = -40 to +125°C
-1.5
—
+1.5
%
Load Regulation
IOUT =0A to 3A
—
0.06
0.25
%
Line Regulation
IOUT =10mA, VCNTL = 3.0 to 5.5V
-0.15
—
+0.15
%/V
VOUT Pull-low Resistance
VCNTL = 3.3V, VEN = 0V, VOUT < 0.8V
—
10
—
Ω
FB Input Current
VFB = 0.8V
-100
—
100
nA
DROPOUT VOLTAGE
VDROP
VIN-to-VOUT Dropout Voltage
(Note 5)
VCNTL = 5.0V,
IOUT = 3A
VOUT = 2.5V
TJ = +25°C
0.26
0.31
V
TJ = -40 to +125°C
0.42
VOUT = 1.8V
TJ = +25°C
0.24
0.29
TJ = -40 to +125°C
0.40
VOUT = 1.2V
TJ = +25°C
0.23
0.28
TJ = -40 to +125°C
0.38
ILIM
Current-Limit Level
TJ = +25°C, VOUT = 80% VNOMiNAL
4.5
5.7
6.7
A
TJ = -40 to +125°C
4.2
A
PROTECTIONS
ISHORT
Short Current-Limit Level
VFB < 0.2V
—
1.1
—
A
TSD
Thermal Shutdown Temperature
TJ rising
—
170
°C
Thermal Shutdown Hysteresis
—
50
—
°C
ENABLE AND SOFT-START
EN Logic High Threshold Voltage
VEN rising
0.5
0.8
1.1
V
EN Hysteresis
0.1
—
V
EN Pull-High Current
EN = GND
—
5
—
uA
TSS
Soft-Start Interval
0.3
0.6
1.2
ms
Turn On Delay
From being enabled to VOUT rising 10%
200
350
500
us
POWER-GOOD AND DELAY
VTHPG
Rising PG Threshold Voltage
VFB rising
90
92
95
%
PG Threshold Hysteresis
—
8
—
%
PG Pull-low Voltage
PG sinks 5mA
—
0.25
0.4
V
PG Debounce Interval
VFB < falling PG voltage
threshold
—
10
—
µs
PG Delay Time
From VFB = VTHPG to rising
edge of the VPG
1
2
4
ms
Note:
5. Dropout voltage is the voltage difference between the inut and the output at which the output voltage drops 2% below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com