Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_AC28 Datasheet(PDF) 53 Page - Altera Corporation

Part # PIN_AC28
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_AC28 Datasheet(HTML) 53 Page - Altera Corporation

Back Button PIN_AC28 Datasheet HTML 49Page - Altera Corporation PIN_AC28 Datasheet HTML 50Page - Altera Corporation PIN_AC28 Datasheet HTML 51Page - Altera Corporation PIN_AC28 Datasheet HTML 52Page - Altera Corporation PIN_AC28 Datasheet HTML 53Page - Altera Corporation PIN_AC28 Datasheet HTML 54Page - Altera Corporation PIN_AC28 Datasheet HTML 55Page - Altera Corporation PIN_AC28 Datasheet HTML 56Page - Altera Corporation PIN_AC28 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
52
Note: The RGB data bus on DE2-115 board is 8 bit instead of 10 bit on DE2/DE2-70 board.
Figure 4-22
VGA horizontal timing specification
Table 4-14
VGA Horizontal Timing Specification
VGA mode
Horizontal Timing Spec
Configuration
Resolution(HxV)
a(us)
b(us)
c(us)
d(us)
Pixel clock(MHz)
VGA(60Hz)
640x480
3.8
1.9
25.4
0.6
25
VGA(85Hz)
640x480
1.6
2.2
17.8
1.6
36
SVGA(60Hz)
800x600
3.2
2.2
20
1
40
SVGA(75Hz)
800x600
1.6
3.2
16.2
0.3
49
SVGA(85Hz)
800x600
1.1
2.7
14.2
0.6
56
XGA(60Hz)
1024x768
2.1
2.5
15.8
0.4
65
XGA(70Hz)
1024x768
1.8
1.9
13.7
0.3
75
XGA(85Hz)
1024x768
1.0
2.2
10.8
0.5
95
1280x1024(60Hz)
1280x1024
1.0
2.3
11.9
0.4
108
Table 4-15
VGA Vertical Timing Specification
VGA mode
Vertical Timing Spec
Configuration
Resolution(HxV)
a(lines)
b(lines)
c(lines)
d(lines)
Pixel clock(MHz)
VGA(60Hz)
640x480
2
33
480
10
25
VGA(85Hz)
640x480
3
25
480
1
36
SVGA(60Hz)
800x600
4
23
600
1
40
SVGA(75Hz)
800x600
3
21
600
1
49
SVGA(85Hz)
800x600
3
27
600
1
56
XGA(60Hz)
1024x768
6
29
768
3
65
XGA(70Hz)
1024x768
6
29
768
3
75
XGA(85Hz)
1024x768
3
36
768
1
95
1280x1024(60Hz)
1280x1024
3
38
1024
1
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com