Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_AC28 Datasheet(PDF) 85 Page - Altera Corporation

Part # PIN_AC28
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_AC28 Datasheet(HTML) 85 Page - Altera Corporation

Back Button PIN_AC28 Datasheet HTML 81Page - Altera Corporation PIN_AC28 Datasheet HTML 82Page - Altera Corporation PIN_AC28 Datasheet HTML 83Page - Altera Corporation PIN_AC28 Datasheet HTML 84Page - Altera Corporation PIN_AC28 Datasheet HTML 85Page - Altera Corporation PIN_AC28 Datasheet HTML 86Page - Altera Corporation PIN_AC28 Datasheet HTML 87Page - Altera Corporation PIN_AC28 Datasheet HTML 88Page - Altera Corporation PIN_AC28 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
84
Note:
execute
DE2_115_NIOS_DEVICE_LED\demo_batch\nios_device_led.bat
will
download .sof and .elf files.
Figure 6-6 illustrates the setup for this demonstration.
Figure 6-6
Setup for the USB device demonstration
6
6..55 A
A K
Kaarraaookkee M
Maacchhiinnee
This demonstration uses the microphone-in, line-in, and line-out ports on the DE2-115 board to
create a Karaoke Machine application. The Wolfson WM8731 audio CODEC is configured in the
master mode, with which the audio CODEC generates AD/DA serial bit clock (BCK) and the
left/right channel clock (LRCK) automatically. As indicated in Figure 6-7, the I2C interface is used
to configure the Audio CODEC. The sample rate and gain of the CODEC are set in this manner, and
the data input from the line-in port is then mixed with the microphone-in port and the result is sent
to the line-out port.
For this demonstration the sample rate is set to 48kHz. Pressing the pushbutton KEY0 reconfigures
the gain of the audio CODEC via I2C bus, cycling within ten predefined gain values (volume levels)
provided by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com