Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_AC28 Datasheet(PDF) 39 Page - Altera Corporation

Part # PIN_AC28
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_AC28 Datasheet(HTML) 39 Page - Altera Corporation

Back Button PIN_AC28 Datasheet HTML 35Page - Altera Corporation PIN_AC28 Datasheet HTML 36Page - Altera Corporation PIN_AC28 Datasheet HTML 37Page - Altera Corporation PIN_AC28 Datasheet HTML 38Page - Altera Corporation PIN_AC28 Datasheet HTML 39Page - Altera Corporation PIN_AC28 Datasheet HTML 40Page - Altera Corporation PIN_AC28 Datasheet HTML 41Page - Altera Corporation PIN_AC28 Datasheet HTML 42Page - Altera Corporation PIN_AC28 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
38
HEX7[2]
PIN_AG17
Seven Segment Digit 7[2]
Depending on JP6
HEX7[3]
PIN_AH17
Seven Segment Digit 7[3]
Depending on JP6
HEX7[4]
PIN_AF17
Seven Segment Digit 7[4]
Depending on JP6
HEX7[5]
PIN_AG18
Seven Segment Digit 7[5]
Depending on JP6
HEX7[6]
PIN_AA14
Seven Segment Digit 7[6]
3.3V
4
4..55 C
Clloocckk C
Ciirrccuuiittrryy
The DE2-115 board includes one oscillator that produces 50 MHz clock signal. A clock buffer is
used to distribute 50 MHz clock signal with low jitter to FPGA. The distributing clock signals are
connected to the FPGA that are used for clocking the user logic. The board also includes two SMA
connectors which can be used to connect an external clock source to the board or to drive a clock
signal out through the SMA connector. In addition, all these clock inputs are connected to the phase
locked loops (PLL) clock input pins of the FPGA to allow users to use these clocks as a source
clock for the PLL circuit.
The clock distribution on the DE2-115 board is shown in Figure 4-11. The associated pin
assignments for clock inputs to FPGA I/O pins are listed in Table 4-5.
Figure 4-11
Block diagram of the clock distribution
Table 4-5
Pin Assignments for Clock Inputs
Signal Name
FPGA Pin No.
Description
I/O Standard
CLOCK_50
PIN_Y2
50 MHz clock input
3.3V
CLOCK2_50
PIN_AG14
50 MHz clock input
3.3V
CLOCK3_50
PIN_AG15
50 MHz clock input
Depending on JP6
SMA_CLKOUT
PIN_AE23
External (SMA) clock output
Depending on JP6
SMA_CLKIN
PIN_AH14
External (SMA) clock input
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com