Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMC331
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMC331 Datasheet HTML 5Page - Analog Devices ADMC331 Datasheet HTML 6Page - Analog Devices ADMC331 Datasheet HTML 7Page - Analog Devices ADMC331 Datasheet HTML 8Page - Analog Devices ADMC331 Datasheet HTML 9Page - Analog Devices ADMC331 Datasheet HTML 10Page - Analog Devices ADMC331 Datasheet HTML 11Page - Analog Devices ADMC331 Datasheet HTML 12Page - Analog Devices ADMC331 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADMC331
–9–
REV. B
Program memory can store both instructions and data, permit-
ting the ADMC331 to fetch two operands in a single cycle—
one from program memory and one from data memory. The
ADMC331 can fetch an operand from on-chip program memory
and the next instruction in the same cycle.
The ADMC331 writes data from its 16-bit registers to the 24-bit
program memory using the PX register to provide the lower
eight bits. When it reads data (not instructions) from 24-bit
program memory to a 16-bit data register, the lower eight bits
are placed in the PX register.
The ADMC331 can respond to a number of distinct DSP core
and peripheral interrupts. The DSP core interrupts include
serial port receive and transmit interrupts, timer interrupts,
software interrupts and external interrupts. The motor control
peripherals also produce interrupts to the DSP core.
The two serial ports (SPORTs) provide a complete synchronous
serial interface with optional companding in hardware and a
wide variety of framed and unframed data transmit and receive
modes of operation. Each SPORT can generate an internal
programmable serial clock or accept an external serial clock.
Boot loading of both the program and data memory RAM of the
ADMC331 is through the serial port SPORT1.
A programmable interval counter is also included in the DSP
core and can be used to generate periodic interrupts. A 16-bit
count register (TCOUNT) is decremented every n processor
cycle, where n–1 is a scaling value stored in the 8-bit TSCALE
register. When the value of the counter reaches zero, an interrupt is
generated and the count register is reloaded from a 16-bit pe-
riod register (TPERIOD).
The ADMC331 instruction set provides flexible data moves and
multifunction (one or two data moves with a computation) instruc-
tions. Each instruction is executed in a single 38.5 ns processor
cycle (for a 13 MHz CLKIN). The ADMC331 assembly lan-
guage uses an algebraic syntax for ease of coding and readabil-
ity. A comprehensive set of development tools support program
development. For further information on the DSP core, refer to
the ADSP-2100 Family User’s Manual, Third Edition, with par-
ticular reference to the ADSP-2171.
Serial Ports
The ADMC331 incorporates two complete synchronous serial
ports (SPORT0 and SPORT1) for serial communication and
multiprocessor communication. Following is a brief list of capa-
bilities of the ADMC331 SPORTs. Refer to the ADSP-2100
Family User’s Manual, Third Edition, for further details.
• SPORTs are bidirectional and have a separate, double-buffered
transmit and receive section.
• SPORTs can use an external serial clock or generate their
own serial clock internally.
• SPORTs have independent framing for the receive and trans-
mit sections. Sections run in a frameless mode or with frame
synchronization signals internally or externally generated. Frame
synchronization signals are active high or inverted, with either of
two pulsewidths and timings.
• SPORTs support serial data word lengths from 3 bits to 16
bits and provide optional A-law and
µ-law companding ac-
cording to ITU (formerly CCITT) recommendation G.711.
• SPORT receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORTs can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt
is generated after a data buffer transfer.
• SPORT0 has a multichannel interface to selectively receive
and transmit a 24-word or 32-word, time-division multi-
plexed, serial bitstream.
• SPORT1 can be configured to have two external interrupts
(
IRQ0 and IRQ1), and the Flag In and Flag Out signals. The
internally generated serial clock may still be used in this con-
figuration.
• SPORT1 is the default input for program and data memory
boot loading. The RFS1 pin can be configured internal to the
ADMC331 as an SROM/E
2PROM reset signal.
• SPORT1 has two data receive pins (DR1A and DR1B). The
DR1A pin is intended for synchronous boot loading from the
external SROM/E
2PROM. The DR1B pin can be used as the
data receive pin for boot loading from an external asynchro-
nous (UART) connection (SCI compatible), an external
synchronous connection as the data receive pin for an external
device communicating over the debugger interface, or as the
data receive pin for a general purpose SPORT after booting.
These two pins are internally multiplexed onto the one DR1
port of the SPORT. The particular data receive pin selected is
determined by a bit in the MODECTRL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com