Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMC331
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMC331 Datasheet HTML 18Page - Analog Devices ADMC331 Datasheet HTML 19Page - Analog Devices ADMC331 Datasheet HTML 20Page - Analog Devices ADMC331 Datasheet HTML 21Page - Analog Devices ADMC331 Datasheet HTML 22Page - Analog Devices ADMC331 Datasheet HTML 23Page - Analog Devices ADMC331 Datasheet HTML 24Page - Analog Devices ADMC331 Datasheet HTML 25Page - Analog Devices ADMC331 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADMC331
–22–
REV. B
The entire interrupt control system of the ADMC331 is config-
ured and controlled by the IFC, IMASK and ICNTL registers
of the DSP core and the IRQFLAG register for the PWMSYNC
and PWMTRIP interrupts and PIOFLAG0, PIOFLAG1 and
PIOFLAG2 registers for the PIO interrupts.
Table IX. Interrupt Vector Addresses
Interrupt Vector
Interrupt Source
Address
Reset
0x0000 (Reserved)
PWMTRIP
0x002C (Highest Priority)
Peripheral Interrupt (
IRQ2)
0x0004
PWMSYNC
0x000C
PIO
0x0008
SPORT0 Transmit
0x0010
SPORT0 Receive
0x0014
Software Interrupt 1
0x0018
Software Interrupt 0
0x001C
SPORT1 Transmit Interrupt or
IRQ1
0x0020
SPORT1 Receive Interrupt or
IRQ0
0x0024
Timer
0x0028 (Lowest Priority)
Interrupt Masking
Interrupt masking (or disabling) is controlled by the IMASK
register of the DSP core. This register contains individual bits
that must be set to enable the various interrupt sources. If any
peripheral interrupt is to be enabled, the
IRQ2 interrupt enable
bit (Bit 9) of the IMASK register must be set. The configuration
of the IMASK register of the ADMC331 is shown at the end of
the data sheet.
Interrupt Configuration
The IFC and ICNTL registers of the DSP core control and
configure the interrupt controller of the DSP core. The IFC
register is a 16-bit register that may be used to force and/or clear
any of the eight DSP interrupts. Bits 0 to 7 of the IFC register
may be used to clear the DSP interrupts while Bits 8 to 15 can be
used to force a corresponding interrupt. Writing to Bits 11 and 12
in IFC is the only way to create the two software interrupts.
The ICNTL register is used to configure the sensitivity (edge-
or level-) of the
IRQ0, IRQ1 and IRQ2 interrupts and to enable/
disable interrupt nesting. Setting Bit 0 of ICNTL configures the
IRQ0 as edge-sensitive, while clearing the bit configures it for
level-sensitive. Bit 1 is used to configure the
IRQ1 interrupt
and Bit 2 is used to configure the
IRQ2 interrupt. It is recom-
mended that the
IRQ2 interrupt always be configured for level-
sensitive as this ensures that no peripheral interrupts are lost.
Setting Bit 4 of the ICNTL register enables interrupt nesting.
The configuration of both IFC and ICNTL registers is shown at
the end of the data sheet.
Interrupt Operation
Following a reset, the ROM code monitor of the ADMC331
copies a default interrupt vector table into program memory
RAM from address 0x0000 to 0x002F. Since each interrupt
source has a dedicated four-word space in this vector table, it is
possible to code short interrupt service routines (ISR) in place.
Alternatively, it may be required to insert a JUMP instruction to
the appropriate start address of the interrupt service routine if
more memory is required for the ISR.
On the occurrence of an interrupt, the program sequencer en-
sures that there is no latency (beyond synchronization delay)
when processing unmasked interrupts. In the case of the timer,
SPORT0, SPORT1 and software interrupts, the interrupt con-
troller automatically jumps to the appropriate location in the
interrupt vector table. At this point, a JUMP instruction to the
appropriate ISR is required.
In the event of a motor control peripheral interrupt, the opera-
tion is slightly different. When a peripheral interrupt is de-
tected, a bit is set in the IRQFLAG register for PWMSYNC
and
PWMTRIP or in the PIOFLAG0, or PIOFLAG1 or
PIOFLAG2 registers for a PIO interrupt, and the
IRQ2 line is
pulled low until all pending interrupts are acknowledged. For
any of the twenty six peripheral interrupts, the interrupt control-
ler automatically jumps to location 0x0004 in the interrupt
vector table. Code loaded at location 0x0004 by the monitor on
reset subsequently reads the IRQFLAG register to determine if
the source of the interrupt was a PWM trip, PWMSYNC or
PIOs and vectors to the appropriate interrupt vector location.
The code located at location 0x0004 by the monitor on reset is
as follows:
0x0004: ASTAT = DM(IRQFLAG);
DM(IRQFLAG_SAVE) = ASTAT;
IF EQ JUMP 0x002C
IF LT JUMP 0x000C;
At this point, a JUMP instruction to the appropriate ISR, at the
interrupt vector location shown in Table IX, is required. If
more than one interrupt occurs simultaneously, the higher prior-
ity interrupt service routine is executed. Reading the IRQFLAG
register clears the
PWMTRIP and PWMSYNC bits and ac-
knowledges the interrupt, thus allowing further interrupts when
the ISR exits. When the IRQFLAG register is read, it is saved
in a data memory variable so the user ISR can check to see if
there are simultaneous PWMSYNC and
PWMTRIP interrupts.
A user’s PIO interrupt service routine must read the PIOFLAG0,
PIOFLAG1 and PIOFLAG2 registers to determine which PIO
port is the source of the interrupt. Reading PIOFLAG0,
PIOFLAG1 and PIOFLAG2 registers clear all bits in the regis-
ters and acknowledge the interrupt, thus allowing further inter-
rupts when the ISR exits.
The configuration of all these registers is shown at the end of
the data sheet.
SYSTEM CONTROLLER
The system controller block of the ADMC331 performs a num-
ber of distinct functions:
1.
Manages the interface and data transfer between the DSP
core and the motor control peripherals.
2.
Handles interrupts generated by the motor control periph-
erals and generates a DSP core interrupt signal
IRQ2.
3.
Controls the ADC multiplexer select lines.
4.
Enables
PWMTRIP and PWMSYNC interrupts.
5.
Controls the multiplexing of the SPORT1 pins to select
either DR1A or DR1B data receive pins. It also allows
configuration of SPORT1 as a UART interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com