Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMC331
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMC331 Datasheet HTML 13Page - Analog Devices ADMC331 Datasheet HTML 14Page - Analog Devices ADMC331 Datasheet HTML 15Page - Analog Devices ADMC331 Datasheet HTML 16Page - Analog Devices ADMC331 Datasheet HTML 17Page - Analog Devices ADMC331 Datasheet HTML 18Page - Analog Devices ADMC331 Datasheet HTML 19Page - Analog Devices ADMC331 Datasheet HTML 20Page - Analog Devices ADMC331 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADMC331
–17–
REV. B
PWMTM 1
AH
PWMCHC 1
PWMCHC 2
PWMTM 2
PWMCHB 2
PWMCHB 1
PWMCHA 1
PWMCHA 2
AL
BH
BL
CH
CL
Figure 8. Active LO PWM signals in SR Mode (PWMPOL =
PWMSR = GND) for ADMC331 in double update mode.
The signals from the three-phase unit are not crossed over
(PWMSEG = 0) and the dead time is zero (PWMDT = 0).
The SR mode can only be enabled by connecting the
PWMSR
pin to GND. There is no software means by which this mode
can be enabled. There is an internal pull-up resistor on the
PWMSR pin so that if this pin is left unconnected or becomes
disconnected the SR mode is disabled. Of course, the SR mode
is disabled when the
PWMSR pin is tied to V
DD. The state of
the
PWMSR pin may be read from Bit 4 of the SYSSTAT
register.
Output Control Unit, PWMSEG Register
The operation of the Output Control Unit is controlled by the
9-bit read/write PWMSEG register that controls two distinct
features that are directly useful in the control of ECM or BDCM.
The PWMSEG register contains three crossover bits, one for
each pair of PWM outputs. Setting Bit 8 of the PWMSEG
register enables the crossover mode for the AH/AL pair of PWM
signals; setting Bit 7 enables crossover on the BH/BL pair of
PWM signals; setting Bit 6 enables crossover on the CH/CL
pair of PWM signals. If crossover mode is enabled for any pair
of PWM signals, the high side PWM signal from the timing unit
(i.e. AH) is diverted to the associated low side output of the
Output Control Unit so that the signal will ultimately appear at
the AL pin. Of course, the corresponding low side output of the
Timing Unit is also diverted to the complementary high side
output of the Output Control Unit so that the signal appears at
the AH pin. Following a reset, the three crossover bits are
cleared so that the crossover mode is disabled on all three pairs
of PWM signals.
The PWMSEG register also contains six bits (Bits 0 to 5) that
can be used to individually enable or disable each of the six
PWM outputs. The PWM signal of the AL pin is enabled by
setting Bit 5 of the PWMSEG register while Bit 4 controls AH,
Bit 3 controls BL, Bit 2 controls BH, Bit 1 controls CL and
Bit 0 controls the CH output. If the associated bit of the
PWMSEG register is set, then the corresponding PWM output
is disabled irrespective of the value of the corresponding duty
cycle register. This PWM output signal will remain in the OFF
state as long as the corresponding enable/disable bit of the
PWMSEG register is set. The implementation of this output
enable function is implemented after the crossover function.
Following a reset, all six enable bits of the PWMSEG register
are cleared so that all PWM outputs are enabled by default.
In a manner identical to the duty-cycle registers, the PWMSEG
is latched on the rising edge of the PWMSYNC signal so that
the changes to this register only become effective at the start of
each PWM cycle in single update mode. In double update mode,
the PWMSEG register can also be updated at the midpoint of
the PWM cycle.
In the control of an ECM, only two inverter legs are switched
at any time and often the high side device in one leg must be
switched ON at the same time as the low side driver in a second
leg. Therefore, by programming identical duty cycles values for
two PWM channels (i.e., PWMCHA = PWMCHB) and setting
Bit 7 of the PWMSEG register to crossover the BH/BL pair if
PWM signals, it is possible to turn ON the high side switch of
phase A and the low side switch of Phase B at the same time.
In the control of ECM, it is usual that the third inverter leg
(Phase C in this example) be permanently disabled for a number
of PWM cycles. This function is implemented by disabling both
the CH and CL PWM outputs by setting Bits 0 and 1 of the
PWMSEG register. This situation is illustrated in Figure 9
where it can be seen that both the AH and BL signals are identi-
cal, since PWMCHA = PWMCHB and the crossover bit for
Phase B is set. In addition, the other four signals (AL, BH, CH
and CL) have been disabled by setting the appropriate enable/
disable bits of the PWMSEG register. For the situation illus-
trated in Figure 9, the appropriate value for the PWMSEG
register is 0x00A7. In normal ECM operation, each inverter leg
is disabled for certain periods of time, so that the PWMSEG
register is changed based on the position of the rotor shaft
(motor commutation).
AH
AL
BH
BL
CH
CL
PWMTM
PWMTM
PWMCHA
= PWMCHB
PWMCHA
= PWMCHB
2
PWMDT
2
PWMDT
Figure 9. Example active LO PWM signals suitable for
ECM control, PWMCHA = PWMCHB, crossover BH/BL pair
and disable AL, BH, CH and CL outputs. Operation is in
single update mode.
Gate Drive Unit, PWMGATE Register
The Gate Drive Unit of the PWM controller adds features
that simplify the design of isolated gate drive circuits for
PWM inverters. If a transformer-coupled power device gate
driver amplifier is used, the active PWM signals must be
chopped at a high frequency. The 10-bit read/write PWMGATE
register allows the programming of this high frequency chopping
mode. The chopped active PWM signals may be required for
the high side drivers only, for the low side drivers only or for
both the high side and low side switches. Therefore, indepen-
dent control of this mode for both high and low side switches is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com