Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3335
Description  High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335 Datasheet(HTML) 2 Page - Analog Devices

  ADP3335 Datasheet HTML 1Page - Analog Devices ADP3335 Datasheet HTML 2Page - Analog Devices ADP3335 Datasheet HTML 3Page - Analog Devices ADP3335 Datasheet HTML 4Page - Analog Devices ADP3335 Datasheet HTML 5Page - Analog Devices ADP3335 Datasheet HTML 6Page - Analog Devices ADP3335 Datasheet HTML 7Page - Analog Devices ADP3335 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
ADP3335–SPECIFICATIONS1, 2, 3 (V
IN = 6.0 V, CIN = COUT = 1.0
F, TA = –40 C to +85 C, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT
Voltage Accuracy
4
VOUT
VIN = VOUT(NOM) + 0.4 V to 12 V
–0.9
+0.9
%
IL = 0.1 mA to 500 mA
TA = 25
°C
VIN = VOUT(NOM) + 0.4 V to 12 V
–1.8
+1.8
%
IL = 0.1 mA to 500 mA
TA = 85
°C
VIN = VOUT(NOM) + 0.4 V to 12 V
–2.3
+2.3
%
IL = 0.1 mA to 500 mA
TJ = 150
°C
Line Regulation
4
VIN = VOUT(NOM) + 0.4 V to 12 V
0.04
mV/V
IL = 0.1 mA
TA = 25
°C
Load Regulation
IL = 0.1 mA to 500 mA
0.04
mV/mA
TA = 25
°C
Dropout Voltage
VDROP
VOUT = 98% of VOUT(NOM)
IL = 500 mA
200
370
mV
IL = 300 mA
140
230
mV
IL = 50 mA
30
110
mV
IL = 0.1 mA
10
40
mV
Peak Load Current
ILDPK
VIN = VOUT(NOM) + 1 V
800
mA
Output Noise
VNOISE
f = 10 Hz–100 kHz, CL = 10
µF47
µV rms
IL = 500 mA, CNR = 10 nF
f = 10 Hz–100 kHz, CL = 10
µF95
µV rms
IL = 500 mA, CNR = 0 nF
GROUND CURRENT
In Regulation
IGND
IL = 500 mA
4.5
10
mA
IL = 300 mA
2.6
6
mA
IL = 50 mA
0.5
2.5
mA
IL = 0.1 mA
80
110
µA
In Dropout
IGND
VIN = VOUT(NOM) – 100 mV
120
400
µA
IL = 0.1 mA
In Shutdown
IGNDSD
SD = 0 V, V
IN = 12 V
0.01
1
µA
SHUTDOWN
Threshold Voltage
VTHSD
ON
2.0
V
OFF
0.4
V
SD Input Current
ISD
0
≤ SD ≤ 5 V
1.2
3
µA
Output Current In Shutdown
IOSD
TA = 25
°C, V
IN = 12 V
1.2
5
µA
TA = 85
°C, VIN = 12 V
1.2
5
µA
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods.
2Ambient temperature of 85
°C corresponds to a junction temperature of 125°C under pulsed full load test conditions.
3Application stable with no load.
4V
IN = 2.6 V to 12 V for models with V OUT(NOM)
≤ 2.2 V.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com