Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3335
Description  High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335 Datasheet(HTML) 3 Page - Analog Devices

  ADP3335 Datasheet HTML 1Page - Analog Devices ADP3335 Datasheet HTML 2Page - Analog Devices ADP3335 Datasheet HTML 3Page - Analog Devices ADP3335 Datasheet HTML 4Page - Analog Devices ADP3335 Datasheet HTML 5Page - Analog Devices ADP3335 Datasheet HTML 6Page - Analog Devices ADP3335 Datasheet HTML 7Page - Analog Devices ADP3335 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADP3335
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Power Dissipation . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –40
°C to +85°C
Operating Junction Temperature Range . . . –40
°C to +150°C
θ
JA 2-layer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
°C/W
θJA 4-layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1, 2, 3
OUT
Output of the Regulator. Bypass to
ground with a 1.0
µF or larger capacitor.
All pins must be connected together for
proper operation.
4
GND
Ground Pin.
5
NR
Noise Reduction Pin. Used for further
reduction of output noise (see text for
detail).
Capacitor required if COUT > 3.3
µF.
6
SD
Active Low Shutdown Pin. Connect to
ground to disable the regulator output.
When shutdown is not used, this pin
should be connected to the input pin.
7, 8
IN
Regulator Input. All pins must be con-
nected together for proper operation.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
SD
IN
IN
OUT
ADP3335
NR
OUT
OUT
GND
ORDERING GUIDE
Output
Package
Branding
Model
Voltage
*
Option
Information
ADP3335ARM-1.8
1.8 V
RM-8 (MSOP-8)
LFA
ADP3335ARM-2.5
2.5 V
RM-8 (MSOP-8)
LFC
ADP3335ARM-2.85
2.85 V
RM-8 (MSOP-8)
LFD
ADP3335ARM-3.3
3.3 V
RM-8 (MSOP-8)
LFE
ADP3335ARM-5
5 V
RM-8 (MSOP-8)
LFF
*Contact the factory for other output voltage options.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3335 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com