Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3335
Description  High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335 Datasheet(HTML) 1 Page - Analog Devices

  ADP3335 Datasheet HTML 1Page - Analog Devices ADP3335 Datasheet HTML 2Page - Analog Devices ADP3335 Datasheet HTML 3Page - Analog Devices ADP3335 Datasheet HTML 4Page - Analog Devices ADP3335 Datasheet HTML 5Page - Analog Devices ADP3335 Datasheet HTML 6Page - Analog Devices ADP3335 Datasheet HTML 7Page - Analog Devices ADP3335 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3335
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
High Accuracy Ultralow IQ, 500 mA
anyCAP® Low Dropout Regulator
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3335
OUT
R1
R2
GND
Q1
SD
BANDGAP
REF
DRIVER
gm
NR
FEATURES
High Accuracy Over Line and Load:
0.9% @ 25 C,
1.8% Over Temperature
Ultralow Dropout Voltage: 200 mV (Typ) @ 500 mA
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: < 1.0
A
2.6 V to 12 V Supply Range
–40 C to +85 C Ambient Temperature Range
Ultrasmall Thermally-Enhanced 8-Lead MSOP Package
APPLICATIONS
PCMCIA Card
Cellular Phones
Camcorders, Cameras
Networking Systems, DSL/Cable Modems
Cable Set-Top Box
MP3/CD Players
DSP Supply
anyCAP is a registered trademark of Analog Devices Inc.
VOUT
ADP3335
NR
OUT
ON
OFF
SD
GND
COUT
1 F
+
OUT
OUT
CIN
1 F
+
VIN
IN
IN
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADP3335 is a member of the ADP330x family of precision
low dropout anyCAP voltage regulators. The ADP3335 operates
with an input voltage range of 2.6 V to 12 V and delivers a con-
tinuous load current up to 500 mA. The ADP3335 stands out
from conventional LDOs with the lowest thermal resistance of
any MSOP-8 package and an enhanced process that enables it
to offer performance advantages beyond its competition. Its
patented design requires only a 1.0
µF output capacitor for sta-
bility. This device is insensitive to output capacitor Equivalent
Series Resistance (ESR), and is stable with any good quality
capacitor, including ceramic (MLCC) types for space-restricted
applications. The ADP3335 achieves exceptional accuracy of
±0.9% at room temperature and ±1.8% over temperature, line,
and load. The dropout voltage of the ADP3335 is only 200 mV
(typical) at 500 mA. This device also includes a safety current
limit, thermal overload protection and a shutdown feature. In
shutdown mode, the ground current is reduced to less than
1
µA. The ADP3335 has ultralow quiescent current 80 µA
(typical) in light load situations.


Similar Part No. - ADP3335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3335 AD-ADP3335 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results

Similar Description - ADP3335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com