Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3402 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3402
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3402 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3402 Datasheet HTML 4Page - Analog Devices ADP3402 Datasheet HTML 5Page - Analog Devices ADP3402 Datasheet HTML 6Page - Analog Devices ADP3402 Datasheet HTML 7Page - Analog Devices ADP3402 Datasheet HTML 8Page - Analog Devices ADP3402 Datasheet HTML 9Page - Analog Devices ADP3402 Datasheet HTML 10Page - Analog Devices ADP3402 Datasheet HTML 11Page - Analog Devices ADP3402 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP3402
–9–
REV. 0
ANALOG GND
DIGITAL AND
SIM GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
2.2 F
100nF
28
27
26
25
23
22
21
20
19
18
17
16
15
ADP3402
100
10 F
R1
CHARGER INPUT
R2
CAPACITOR-TYPE
BACKUP COIN CELL
10 F
SIM PIN OF
GSM PROCESSOR
2.2 F
10 F
24
0.22 F
100nF
10 F
CLK TO SIMCARD
RST TO SIMCARD
I/O TO SIM CARD
100nF
1 Li-ION OR
3 NiMH
CELLS
GSM
PROCESSOR
GSM
PROCESSOR
VBAT
VCC
PWRONKEY
ANALOGON
PWRONIN
ROWX
CHRON
VRTC
CAP–
SIMBAT
DATAIO
RESETIN
CLKIN
SIMGND
AGND
VCCA
REFOUT
VTCXO
DGND
RESCAP
CAP+
VSIM
CLK
SIMON
SIMPROG
RST
I/O
RESET
Figure 15. Typical Application Circuit
FREQUENCY – Hz
600
500
0
10
100k
100
1k
10k
400
300
200
100
FULL LOAD
MLCC CAPS
VCCA
TCXO
REF
Figure 14. Output Noise Density
THEORY OF OPERATION
The ADP3402 is a power management chip optimized for use
with GSM baseband chipsets in handset applications. Figure 1
shows a block diagram of the ADP3402.
The ADP3402 contains several blocks:
• Four Low Dropout Regulators (Digital, Analog, Crystal
Oscillator, Real-Time Clock)
• Reset Generator
• Buffered Precision Reference
• SIM Interface Logic Level Translation (3 V/5 V)
• SIM Voltage Supply
• Power On/Off Logic
• Undervoltage Lockout
These functions have traditionally been done either as a discrete
implementation or as a custom ASIC design. ADP3402 combines
the benefits of both worlds by providing an integrated standard
product solution where every block is optimized to operate in a
GSM environment while maintaining a cost competitive solution.
Figure 15 shows the external circuitry associated with the ADP3402.
Only a few support components, mainly decoupling capacitors,
are required.
Input Voltage
The input voltage range for ADP3402 is 3 V to 7 V and optimized
for a single Li-Ion cell or three NiMH/NiCd cells. The ADP3402
uses Analog Devices’ patented package thermal enhancement tech-
nology, which allows 15% improvement in power handling capabil-
ity over standard plastic packages. The thermal impedance (
θ
JA) of
the ADP3402 is 60
°C/W. The charging voltage for a high capacity
NiMH cell can be as high as 5.5 V. Power dissipation should be
calculated at maximum ambient temperatures and battery voltage in
order not to exceed the 125
°C maximum allowable junction tem-
perature. Figure 16 shows the maximum total LDO output current
as a function of ambient temperature and battery voltage.
However, high battery voltages normally occur only when the
battery is being charged and the handset is not in conversation
mode. In this mode there is a relatively light load on the LDOs.
A fully charged Li-Ion battery is 4.25 V, where the LDOs deliver
the maximum 240 mA up to the max 85
°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com