Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3402 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3402
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3402 Datasheet(HTML) 4 Page - Analog Devices

  ADP3402 Datasheet HTML 1Page - Analog Devices ADP3402 Datasheet HTML 2Page - Analog Devices ADP3402 Datasheet HTML 3Page - Analog Devices ADP3402 Datasheet HTML 4Page - Analog Devices ADP3402 Datasheet HTML 5Page - Analog Devices ADP3402 Datasheet HTML 6Page - Analog Devices ADP3402 Datasheet HTML 7Page - Analog Devices ADP3402 Datasheet HTML 8Page - Analog Devices ADP3402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. 0
ADP3402–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SIM INTERFACE
VSIM = 5 V
RST
VOL
I = +200
µA
0.6
V
RST
VOH
I = –20
µA
VSIM – 0.7
V
CLK
VOL
I = +200
µA
0.5
V
CLK
VOH
I = –20
µA
0.7
VSIM
V
I/O
VIL
0.4
V
I/O
VIH, VOH
IIH, IOH =
±20 µA
VSIM – 0.4
V
I/O
IIL
VIL = 0 V
–0.9
mA
I/O
VOL
IOL = 1 mA
0.4
V
DATAIO
≤ 0.23 V
VSIM = 3 V
RST
VOL
I = +200
µA
0.2
VSIM
V
RST
VOH
I = –20
µA
0.8
VSIM
V
CLK
VOL
I = +20
µA
0.2
VSIM
V
CLK
VOH
I = –20
µA
0.7
VSIM
V
I/O
VIL
0.4
V
I/O
VIH, VOH
IIH, IOH =
±20 µA
VSIM – 0.4
V
I/O
IIL
VIL= 0 V
–0.9
mA
I/O
VOL
IOL = 1 mA
0.4
V
DATAIO
≤ 0.23 V
I/O Pull-Up Resistance to VSIM
RIN
810
12
k
Ω
Max Frequency (CLK)
fMAX
CL = 30 pF
5
MHz
Prop Delay (CLK)
tD
30
50
ns
Output Rise/Fall Times (CLK)
tR, tF
CL = 30 pF
9
18
ns
Output Rise/Fall Times (I/O, RST)
tR, tF
CL = 30 pF
1
µs
Duty Cycle (CLK)
D
D CLKIN = 50%
47
53
%
f = 5 MHz
RESET GENERATOR (RESET)
Output High Voltage
VOH
IOH = –15
µA
VCC – 0.3
V
Output Low Voltage
VOL
IOL = –15
µA
0.3
V
Delay Time per Unit Capacitance
tD
1.0
ms/nF
Applied to RESCAP Pin
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods .
2This feature is intended to protect against catastrophic failure of the device. Maximum allowed operating junction temperature is 125ºC. Operation beyond 125ºC
could cause permanent damage to the device.
3Required for stability.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com