Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3402 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3402
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3402 Datasheet(HTML) 3 Page - Analog Devices

  ADP3402 Datasheet HTML 1Page - Analog Devices ADP3402 Datasheet HTML 2Page - Analog Devices ADP3402 Datasheet HTML 3Page - Analog Devices ADP3402 Datasheet HTML 4Page - Analog Devices ADP3402 Datasheet HTML 5Page - Analog Devices ADP3402 Datasheet HTML 6Page - Analog Devices ADP3402 Datasheet HTML 7Page - Analog Devices ADP3402 Datasheet HTML 8Page - Analog Devices ADP3402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
ADP3402
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CRYSTAL OSCILLATOR LDO (VTCXO)
Output Voltage
VTCXO
Line, Load, Temp
2.710
2.765
2.820
V
Line Regulation
∆VTCXO
3 V < VBAT < 7 V, Min Load
2
mV
Load Regulation
∆VTCXO
100
µA < I
LOAD < 5 mA,
1
mV
VBAT = 3.6 V
Output Capacitor
3
CO
0.22
µF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
150
mV
ILOAD = 5 mA
Ripple Rejection
∆VBAT/
f = 217 Hz (t = 4.6 ms)
65
72
dB
∆VTCXO
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
µV rms
ILOAD = 5 mA, VBAT = 3.6 V
VOLTAGE REFERENCE (REFOUT)
Output Voltage
VREFOUT
Line, Load, Temp
1.192
1.210
1.228
V
Line Regulation
∆V
REFOUT
3 V < VBAT < 7 V, Min Load
2
mV
Load Regulation
∆V
REFOUT
0
µA < I
LOAD < 50 µA,
0.5
mV
VBAT = 3.6 V
Ripple Rejection
∆VBAT/
f = 217 Hz (t = 4.6 ms),
65
75
dB
∆V
REFOUT
VBAT = 3.6 V
Maximum Capacitive Load
CO
100
pF
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
40
µV rms
VBAT = 3.6 V
REAL-TIME CLOCK LDO/BATTERY
CHARGER (VRTC)
Maximum Output Voltage
VRTC
ILOAD
≤ 10 µA
2.400
2.450
2.500
V
Current Limit
IMAX
175
µA
Off Reverse Leakage Current
IL
2.0 V < VBAT < UVLO
1
µA
SIM CHARGE PUMP (VSIM)
Output Voltage for 5 V SIM Modules
VSIM
0 mA
≤ I
LOAD
≤ 10 mA
4.70
5.00
5.30
V
SIMPROG = High
Output Voltage for 3 V SIM Modules
VSIM
0 mA
≤ I
LOAD
≤ 6 mA
2.82
3.00
3.18
V
SIMPROG = Low
GSM/SIM LOGIC TRANSLATION
(GSM INTERFACE)
Input High Voltage (SIMPROG, SIMON,
VIH
VCC – 0.6
V
RESETIN, CLKIN)
Input Low Voltage (SIMPROG, SIMON,
VIL
0.6
V
RESETIN, CLKIN)
DATAIO
VIL
VOL (I/O) = 0.4 V,
0.230
V
IOL (I/O) = 1 mA
VOL (I/O) = 0.4 V,
0.335
V
IOL (I/O ) = 0 mA
VIH, VOH
IIH, IOH =
±10 µA
VCC – 0.4
V
IIL
VIL = 0 V
–0.9
mA
VOL
VIL (I/O) = 0.4 V
0.420
V
DATAIO Pull-Up Resistance to VCC
RIN
16
20
24
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com