Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD5211ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADD5211ACPZ-R7
Description  Four-String, White LED Driver for LCD Backlight Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5211ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADD5211ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Technical Data
ADD5211
Rev. PrA | Page 5 of 6
TYPICAL APPLICATIONS CIRCUITS
RFREQ
47kΩ
RC
68Ω
CC
2.2µF
CC2
OPEN
CSS
30nF
VIN
UVLO
GATE_P GATE_N
+
RUVLO1
100kΩ
RUVLO2
7.5kΩ
CIN2
0.1µF
CIN
20µF
COUT
10µF
L1
33µH
RON
20Ω
RRAMP
6.8kΩ
RCS
0.1Ω
ROVP1
560kΩ
ROVP2
16kΩ
D1
S310
MOSFET1
FDD86012LZ
CBYPASS2
1µF
OFF ON
EN
ISET
LSD
VDD
FAULT
PWM
VDR
LGND
OVP
FB4
FB3
FB2
FB1
PGND
RAMP
CS
VCC_RECEIVER
RPULL_UP
10kΩ
RLSD1
24kΩ
RLSD2
4.7kΩ
RSET
15kΩ
FREQ
COMP
AGND
SS
18V ~ 36V
CBYPASS1
1µF
22 LEDs/CH, 100mA/CH
ADD5211
Figure 4. Typical Four-String Application Circuit
RFREQ
47kΩ
RC
68Ω
CC
2.2µF
CC2
OPEN
CSS
30nF
ADD5211
VIN
UVLO
GATE_P GATE_N
+
RUVLO1
100kΩ
RUVLO2
7.5kΩ
CIN2
0.1µF
CIN
20µF
COUT
10µF
L1
33µH
RON
20Ω
RRAMP
6.8kΩ
RCS
0.1Ω
ROVP1
560kΩ
ROVP2
16kΩ
D1
S310
MOSFET1
FDD86012LZ
CBYPASS2
1µF
OFF ON
EN
ISET
LSD
VDD
FAULT
PWM
VDR
LGND
OVP
FB4
FB3
FB2
FB1
PGND
RAMP
CS
VCC_RECEIVER
RPULL_UP
10kΩ
RLSD1
24kΩ
RLSD2
4.7kΩ
RSET
15kΩ
FREQ
COMP
AGND
SS
18V ~ 36V
CBYPASS1
1µF
22 LEDs/CH, 100mA/CH
Figure 5. Typical Two-String Application Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com