Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD5211ACPZ-R7 Datasheet (PDF) - Analog Devices

ADD5211ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADD5211ACPZ-R7
Download  ADD5211ACPZ-R7 Download
File Size   167.47 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-String, White LED Driver for LCD Backlight Applications

ADD5211ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD5211ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADD5211ACPZ-R7
Download  ADD5211ACPZ-R7 Click to download

File Size   167.47 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-String, White LED Driver for LCD Backlight Applications

ADD5211ACPZ-R7 Datasheet (HTML) - Analog Devices


ADD5211ACPZ-R7 Product details

GENERAL DESCRIPTION

The ADD5211 is a 4 channel, white LED driver for backlight applications based on high efficiency, current mode, step-up converter technology. The boost controller drives an external MOSFET switch for step-up regulation from an input voltage of 4.5 V to 40 V and a pin adjustable operating frequency between 200 kHz and 1.2 MHz. An adjustable UVLO function is implemented to reduce input current during power-off.



FEATURES

White LED driver based on an inductive boost controller

  Wide input voltage range: 4.5 V to 40 V

  Adaptive output voltage to minimize power dissipation

  Adjustable operating frequency: 200 kHz to 1.2 MHz

  Programmable UVLO

  Programmable soft start time for boost converter

  Programmable external MOSFET switching rising/falling time

Drives up to 4 LED current sinks with internal MOSFETs

  Brightness control with PWM input

  Adjustable LED current: 40 mA up to 200 mA

  Headroom control to maximize efficiency

  LED dimming frequency: up to 25 kHz

  1000:1 PWM dimming at 300 Hz

  Open drain fault indicator

  LED open and LED short fault protection

  Thermal shutdown

  Undervoltage lockout

  24-lead, 4 mm × 4 mm LFCSP




Similar Part No. - ADD5211ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5203ACPZ-RL AD-ADD5203ACPZ-RL Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
More results


Similar Description - ADD5211ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com