Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD5211ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD5211ACPZ-R7
Description  Four-String, White LED Driver for LCD Backlight Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5211ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADD5211ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADD5211ACPZ-R7 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Four-String, White LED Driver
for LCD Backlight Applications
Preliminary Technical Data
ADD5211
Rev. PrA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
White LED driver based on an inductive boost controller
Wide input voltage range: 4.5 V to 40 V
Adaptive output voltage to minimize power dissipation
Adjustable operating frequency: 200 kHz to 1.2 MHz
Programmable UVLO
Programmable soft start time for boost converter
Programmable external MOSFET switching rising/falling time
Drives up to 4 LED current sinks with internal MOSFETs
Brightness control with PWM input
Adjustable LED current: 40 mA up to 200 mA
Headroom control to maximize efficiency
LED dimming frequency: up to 25 kHz
1000:1 PWM dimming at 300 Hz
Open drain fault indicator
LED open and LED short fault protection
Thermal shutdown
Undervoltage lockout
24-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
LCD monitor and TV LED backlights
Industrial lighting
GENERAL DESCRIPTION
The ADD5211 is a 4 channel, white LED driver for backlight
applications based on high efficiency, current mode, step-up
converter technology. The boost controller drives an external
MOSFET switch for step-up regulation from an input voltage of
4.5 V to 40 V and a pin adjustable operating frequency between
200 kHz and 1.2 MHz. An adjustable UVLO function is
implemented to reduce input current during power-off.
The ADD5211 contains four regulated current sinks for uniform
brightness intensity. Each current sinks can be driven from 40
mA up to 200 mA and the LED driving current is pin adjustable
by an external resistor. The ADD5211 with an input PWM
interface drives up to four parallel strings of multiple series
connected LEDs with ±1.5% current matching between strings.
Additional features include fault indicator output LED short
protection, LED open protection, boost output short protection,
overvoltage protection, cycle-by-cycle current limit, and
thermal shutdown for both the IC and LED array. The
programmable soft start is implemented to reduce inrush
current during startup.
TYPICAL APPLICATION
VIN
UVLO
GATE_P GATE_N
+
OFF ON
EN
ISET
LSD
VDD
FAULT
PWM
VDR
LGND
OVP
FB4
FB3
FB2
FB1
PGND
RAMP
CS
FREQ
COMP
AGND
SS
ADD5211
VIN
Figure 1.


Similar Part No. - ADD5211ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5203ACPZ-RL AD-ADD5203ACPZ-RL Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
More results

Similar Description - ADD5211ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com