Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3412 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3412
Description  Dual MOSFET Driver with Bootstrapping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3412 Datasheet(HTML) 2 Page - Analog Devices

  ADP3412 Datasheet HTML 1Page - Analog Devices ADP3412 Datasheet HTML 2Page - Analog Devices ADP3412 Datasheet HTML 3Page - Analog Devices ADP3412 Datasheet HTML 4Page - Analog Devices ADP3412 Datasheet HTML 5Page - Analog Devices ADP3412 Datasheet HTML 6Page - Analog Devices ADP3412 Datasheet HTML 7Page - Analog Devices ADP3412 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
ADP3412–SPECIFICATIONS1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
VCC
4.15
5.0
7.5
V
Quiescent Current
ICCQ
12
mA
PWM INPUT
Input Voltage High2
2.0
V
Input Voltage Low
2
0.8
V
HIGH-SIDE DRIVER
Output Resistance, Sourcing Current
VBST – VSW = 4.6 V
2.5
5
Ω
Output Resistance, Sinking Current
VBST – VSW = 4.6 V
2.5
5
Ω
Transition Times
3 (See Figure 2)
trDRVH, tfDRVH
VBST – VSW = 4.6 V, CLOAD = 3 nF
20
35
ns
Propagation Delay
3, 4 (See Figure 2)
tpdhDRVH
VBST – VSW = 4.6 V
10
20
Note 5
ns
tpdlDRVH
VBST – VSW = 4.6 V
25
ns
LOW-SIDE DRIVER
Output Resistance, Sourcing Current
VCC = 4.6 V
2.5
5
Ω
Output Resistance, Sinking Current
VCC = 4.6 V
2.5
5
Ω
Transition Times
3 (See Figure 2)
trDRVL, tfDRVL
VCC = 4.6 V, CLOAD = 3 nF
20
35
ns
Propagation Delay
3, 4 (See Figure 2)
tpdhDRVL
VCC = 4.6 V
30
ns
tpdlDRVL
VCC = 4.6 V
25
ns
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2Logic inputs meet typical CMOS I/O conditions for source/sink current (~1
µA).
3AC specifications are guaranteed by characterization, but not production tested.
4For propagation delays, “tpdh” refers to the specified signal going high; “tpdl” refers to it going low.
5Maximum propagation delay = 40 ns + (1 ns/pF
CDLY).
Specifications subject to change without notice.
(TA = 0 C to 70 C, VCC = 5 V, BST = 4 V to 26 V, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
BST . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +30 V
BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
SW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5.0 V to +25 V
IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 70°C
Operating Junction Temperature Range . . . . . . 0
°C to 125°C
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to PGND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com