Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3412 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3412
Description  Dual MOSFET Driver with Bootstrapping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3412 Datasheet(HTML) 1 Page - Analog Devices

  ADP3412 Datasheet HTML 1Page - Analog Devices ADP3412 Datasheet HTML 2Page - Analog Devices ADP3412 Datasheet HTML 3Page - Analog Devices ADP3412 Datasheet HTML 4Page - Analog Devices ADP3412 Datasheet HTML 5Page - Analog Devices ADP3412 Datasheet HTML 6Page - Analog Devices ADP3412 Datasheet HTML 7Page - Analog Devices ADP3412 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3412
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Dual MOSFET Driver
with Bootstrapping
FUNCTIONAL BLOCK DIAGRAM
VCC
BST
DRVH
SW
DRVL
PGND
IN
DLY
OVERLAP
PROTECTION
CIRCUIT
ADP3412
FEATURES
All-In-One Synchronous Buck Driver
Bootstrapped High-Side Drive
One PWM Signal Generates Both Drives
Programmable Transition Delay
Anticross-Conduction Protection Circuitry
APPLICATIONS
Multiphase Desktop CPU Supplies
Mobile Computing CPU Core Power Converters
Single-Supply Synchronous Buck Converters
Standard-to-Synchronous Converter Adaptations
VCC
BST
DRVH
SW
IN
DRVL
ADP3412
12V
CBST
PGND
1V
1V
Q1
Q2
DELAY
5V
DLY
D1
CDLY
Figure 1. General Application Circuit
GENERAL DESCRIPTION
The ADP3412 is a dual MOSFET driver optimized for driving
two N-channel MOSFETs which are the two switches in a
nonisolated synchronous buck power converter. Each of the
drivers is capable of driving a 3000 pF load with a 20 ns propa-
gation delay and a 30 ns transition time. One of the drivers can
be bootstrapped, and is designed to handle the high-voltage
slew rate associated with “floating” high-side gate drivers. The
ADP3412 includes overlapping drive protection (ODP) to pre-
vent shoot-through current in the external MOSFETs.


Similar Part No. - ADP3412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3410KRU AD-ADP3410KRU Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3413JR AD-ADP3413JR Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
More results

Similar Description - ADP3412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
Dual MOSFET Driver with Bootstrapping
1/04-Data Sheet changed from REV. A to REV. B.
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com