Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3412 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3412
Description  Dual MOSFET Driver with Bootstrapping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3412 Datasheet(HTML) 3 Page - Analog Devices

  ADP3412 Datasheet HTML 1Page - Analog Devices ADP3412 Datasheet HTML 2Page - Analog Devices ADP3412 Datasheet HTML 3Page - Analog Devices ADP3412 Datasheet HTML 4Page - Analog Devices ADP3412 Datasheet HTML 5Page - Analog Devices ADP3412 Datasheet HTML 6Page - Analog Devices ADP3412 Datasheet HTML 7Page - Analog Devices ADP3412 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADP3412
–3–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
BST
Floating Bootstrap Supply for the Upper MOSFET. A capacitor connected between BST and SW pins
holds this bootstrapped voltage for the high-side MOSFET as it is switched. The capacitor should be
chosen between 100 nF and 1 F.
2
IN
TTL-level Input Signal, which has primary control of the drive outputs.
3
DLY
Low-High Transition Delay. A capacitor from this pin to ground programs the propagation delay from
turn-off of the lower FET to turn-on of the upper FET. The formula for the low-high transition delay
is DLY = CDLY
× (1 ns/pF) + 20 ns. The rise time for turn-on of the upper FET is not included in the formula.
4
VCC
Input Supply. This pin should be bypassed to PGND with ~1
µF ceramic capacitor.
5
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET.
6
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7
SW
This pin is connected to the buck-switching node, close to the upper MOSFET’s source. It is the floating
return for the upper MOSFET drive signal. It is also used to monitor the switched voltage to prevent turn-
on of the lower MOSFET until the voltage is below ~1 V. Thus, according to operating conditions, the
high-low transition delay is determined at this pin.
8
DRVH
Buck Drive. Output drive for the upper (buck) MOSFET.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADP3412JR
0
°C to 70°C
8-Lead Standard Small Outline Package (SOIC)
R-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP3412
BST
IN
DLY
VCC
DRVH
SW
PGND
DRVL
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3412 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com