Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3422 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3422
Description  IMVP-II-Compliant Core Power Controller for Mobile CPUs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3422 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3422 Datasheet HTML 8Page - Analog Devices ADP3422 Datasheet HTML 9Page - Analog Devices ADP3422 Datasheet HTML 10Page - Analog Devices ADP3422 Datasheet HTML 11Page - Analog Devices ADP3422 Datasheet HTML 12Page - Analog Devices ADP3422 Datasheet HTML 13Page - Analog Devices ADP3422 Datasheet HTML 14Page - Analog Devices ADP3422 Datasheet HTML 15Page - Analog Devices ADP3422 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
ADP3422
–13–
A capacitor is required across RC to achieve optimal compensation.
This ensures that the output voltage does not bounce back tempo-
rarily right after a load transient, i.e., the output impedance of
the converter is purely resistive. The bounce-back is undesirable
because it increases the peak-to-peak deviation in the output
voltage. From (3), the optimal capacitance value is:
C
CR
RR
OC
OE
CD
=
(11)
At this point, the exact COC value should be selected as close to
the calculated one as possible. It is generally recommended to
choose the nearest value of COC which is not greater than what
is calculated. Optionally, COC can be chosen first arbitrarily and
the values of RD and RC can be reselected to satisfy the previous
two equations.
The output impedance is now set.
The next step in the design is to determine the value of the
hysteresis-setting resistor, RA, which sets the inductor ripple
current. RA connects between the RAMP pin and RCS on the
inductor side and is determined by:
R
IR
V
t
R
L
I
A
RPP
CS
IM D OFF
CS
H
=
–
/
()
2
(12)
where tD(OFF) is the turn-off delay time of the power converter,
including delays through the ADP3422, ADP3415, and the
external MOSFETs, and IH is a user-programmed current set
by a resistor on the ADP3422’s HYSSET pin, which sets the
current that is hysteretically switched in and out of the RAMP
pin. Assuming a turn-off delay of 50 ns and a hysteresis-setting
current of 30
µA, the calculated value of RA is 162 Ω.
To protect the converter, the hysteretic current limiting should
be set. The current limit programming resistor, RCL, which
connects between the CS– pin and the core output is given by:
R
kR
I
I
I
CL
I
CS
O MAX
RPP
H
=
+
(/ )
()
2
3
(13)
where kI is a margin factor for the current limit setting. A
typical value for kI might be 1.15, which would set the current
limit point 15% above the maximum rated core current. Using
the preceding design target values, a value of 441
Ω for R
CL is
calculated.
In order to optimize the power savings by always using the
minimum allowed CPU supply voltage, the IMVP-2 specifica-
tion introduces two operating-mode-dependent voltage shifts.
The first shift is for optimizing the output voltage when the
battery-optimized-mode (BOM) VID code is selected. The
shift is achieved by connecting a resistor, RBSHIFT, between
the BSHIFT pin and ground. The shift will be used whenever
the
BOM pin is driven low, indicating that the BOM VID
code is selected. The shift is given by:
V
R
R
V
R
R
BSHIFT
A
BSHIFT
VID BOM
D
C
=+
–
,
1
(14)
The second shift is for optimizing the output voltage when the
Deep Sleep operating mode is selected in conjunction with
either the POM or BOM VID codes. This shift is achieved by
connecting a resistor, RDSHIFT, between the DSHIFT pin and
ground. The shift will be used whenever the
DPSLP pin is
driven low. The shift is given by:
V
R
R
V
R
R
DSHIFT
A
DSHIFT
VID BOM
D
C
=+
–
,
1
(15)
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The following guidelines are recommended for optimal perfor-
mance of the ADP3422 and ADP3415 in a power converter.
The circuitry is considered in three parts: the power switching
circuitry, the output filter, and the control circuitry.
Placement Overview
1. For ideal component placement, the output filter capacitors
will divide the power switching circuitry from the control
section. As an approximate guideline, considered on a
single-sided PCB, the best layout would have components
aligned in the following order: ADP3415, MOSFETs and
input capacitor, output inductor, current sense resistor, output
capacitors, control components and ADP3422. Note that
the ADP3422 and ADP3415 are completely separated for
an ideal layout, which is only possible with a two-chip solution.
This will minimize jitter in the control caused by having the
driver and MOSFETs close to the control and give more
freedom in the layout of the power switching circuitry.
2. Whenever a power dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias, both
directly on the mounting pad and immediately surrounding
it, is recommended. Two important reasons for this are:
improved current rating through the vias (if it is a current
path), and improved thermal performance—especially if
the vias extend to the opposite side of the PCB where a
plane can more readily transfer heat to air.
Power Switching Circuitry
ADP3415, MOSFETs, and Input Capacitors
3. Locate the ADP3415 near the MOSFETs so the parasitic
inductance in the gate drive traces and the trace to the SW
pin is small, and so that the ground pins of the ADP3415
are closely connected to the lower MOSFET’s source.
4. Locate at least one substantial (i.e., > ~10
µF) input bypass
MLC capacitor close to the MOSFETs so that the physical
area of the loop enclosed in the electrical path through the
bypass capacitor and around through the top and bottom
MOSFETs (drain-source) is small. This is the switching
power path loop.
5. Make provisions for thermal management of all the
MOSFETs. Heavy copper and wide traces to ground and
power planes will help to pull the heat out. Heat sinking
by a metal tap soldered in the power plane near the
MOSFETs will help. Even just small airflow can help
tremendously. Paralleled MOSFETs will help spread the
heat, even if the on-resistance is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com