Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3422 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3422
Description  IMVP-II-Compliant Core Power Controller for Mobile CPUs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3422 Datasheet(HTML) 2 Page - Analog Devices

  ADP3422 Datasheet HTML 1Page - Analog Devices ADP3422 Datasheet HTML 2Page - Analog Devices ADP3422 Datasheet HTML 3Page - Analog Devices ADP3422 Datasheet HTML 4Page - Analog Devices ADP3422 Datasheet HTML 5Page - Analog Devices ADP3422 Datasheet HTML 6Page - Analog Devices ADP3422 Datasheet HTML 7Page - Analog Devices ADP3422 Datasheet HTML 8Page - Analog Devices ADP3422 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
ADP3422–SPECIFICATIONS
(0
≤ TA ≤ 85 C, High (H) = VCC, Low (L) = 0 V, VCC = 3.3 V, SD = H, VCOREFB = VDAC
(
VDACOUT), VREG = VCS– = VVID = 1.25 V, VCPUSET = 0 V, ROUT = 100 k , COUT = 10 pF, CSS = 47 nF, RPWRGD = 5 k
to VCC, RCLAMP = 5.1 k
to VCC, HYSSET, BSHIFT, DSHIFT, and FSHIFT are open,
BOM = H, DSLP = H, DPRSLP = L, SWFB = L, unless otherwise noted. Current sunk
by a pin has a positive sign, sourced by a pin has a negative sign.)
ELECTRICAL CHARACTERISTICS
1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY-UVLO-SHUTDOWN
Normal Supply Current
ICC
615
mA
UVLO Supply Current
ICC(UVLO)
200
µA
Shutdown Supply Current
ICCSD
SD = L
1
µA
UVLO Threshold
VCCH
VCC Rising Up, VSS = 0 V
2.95
V
VCCL
VCC Falling, VSS Floating
2.7
V
UVLO Hysteresis
VCCHYS
50
mV
Shutdown Threshold (CMOS Input)
VSDTH
VCC/2
POWERGOOD
Core Feedback Threshold Voltage
VCOREFBH
0.9 V < VDAC < 1.675 V
VCOREFB Rising
1.12 VDAC
1.145 VDAC
V
VCOREFB Falling
1.095 VDAC
1.12 VDAC
V
VCOREFB Rising
0.88 VDAC
0.905 VDAC
V
VCOREFB Falling
0.855 VDAC
0.88 VDAC
V
PowerGood Output Voltage
VPWRGD
VCOREFB = VDACOUT
0.95 VCC
VCC
V
(Open Drain Output)
VCOREFB = 0.8 VDACOUT
0
0.8
V
Blanking Time
tPWRGD,BLNK
2
VCC = 3.3 V
100
µs
SOFT-START/HICCUP TIMER
Charge/Discharge Current
ISS
VSS = 0.5 V
–16
µA
VSS = 0.5 V, VCC = 2.5 V
0.6
µA
Soft-Start Enable/Hiccup
VSSEN
VREG = 1.25 V,
Termination Threshold
VRAMP = VCOREFB = 1.27 V
VSS Falling
150
200
mV
VSS Rising
200
mV
Soft-Start Termination/Hiccup
VSSTERM
VRAMP = VCOREFB = 1.27 V
Enable Threshold
VSS Rising
2.05
V
VSS Falling
2.0
V
VID DAC
VID Input Threshold (CMOS Inputs) VVID0...4
0.8
0.7 VCC
V
VID Input Current
IVID0...4
VID 0...4 = L
10
40
µA
(Internal Active Pull-up)
Output Voltage
VDAC
See VID Code Table 1
0.600
1.750
V
Output Voltage Accuracy
VDAC/VDAC
–0.85
+0.85
%
Output Voltage Settling Time
3
tDACS
4
1.3
µs
CORE COMPARATOR
Input Offset Voltage
VCOREOS
VREG = 1.25 V
±1.5
mV
Input Bias Current
IREG
VREG = VRAMP = 1.25 V
±0.3
µA
Output Voltage
VOUT_H
VCC = 3.0 V
2.5
3.0
V
VOUT_L
VCC = 3.6 V
0
0.4
V
Propagation Delay Time
3
tRMPOUT_PD
5
50
ns
Rise and Fall Time2
tOUT_R
6
310
ns
tOUT_F
6
310
ns
Blanking Time
tBLNK
OUT L-H Transition
75
ns
OUT H-L Transition
140
ns
Switch Feedback Threshold
VSWFB_TH
VCC/2
V
(CMOS Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com