Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3422 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3422
Description  IMVP-II-Compliant Core Power Controller for Mobile CPUs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3422 Datasheet(HTML) 4 Page - Analog Devices

  ADP3422 Datasheet HTML 1Page - Analog Devices ADP3422 Datasheet HTML 2Page - Analog Devices ADP3422 Datasheet HTML 3Page - Analog Devices ADP3422 Datasheet HTML 4Page - Analog Devices ADP3422 Datasheet HTML 5Page - Analog Devices ADP3422 Datasheet HTML 6Page - Analog Devices ADP3422 Datasheet HTML 7Page - Analog Devices ADP3422 Datasheet HTML 8Page - Analog Devices ADP3422 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
–4–
ADP3422–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
LOW-SIDE DRIVE CONTROL
Output Voltage (CMOS Output)
VDRVLSD
DPRSLP = H
0.4
V
DPRSLP = L
0.7 V
CC
V
CC
V
Output Current
IDRVLSD
V
DRVLSD = 1.5 V
DPRSLP = L
+0.4
mA
DPRSLP = H
–0.4
mA
OVER/REVERSE VOLTAGE
PROTECTION
Over-Voltage Threshold
VCOREFB,OVP
VCOREFB Rising
2.0
2.2
V
VCOREFB Falling
1.8
V
Reverse-Voltage Threshold
VCOREFB,RVP
VCOREFB Falling
–0.3
V
VCOREFB Rising
–0.05
V
Output Current (Open Drain Output) ICLAMP
VCLAMP = 1.5 V
VCOREFB = 2.2 V
10
µA
VCOREFB = VDACOUT = 1.25 V 1
4
mA
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2Two test conditions:
1. PWRGD is OK but forced to fail by applying an out-of-the-CoreGood-window voltage (V COREFB,BAD = 1.0 V at VVID = 1.25 V setting) to the COREFB pin right
after the moment that BOM or DPRSLP is asserted/deasserted. PWRGD should not fail immediately, only with the specified blanking delay time.
2. PWRGD is forced to fail (VCOREFB,BAD = 1.0 V at VVID = 1.25 V setting) but gets into the CoreGood-window (VCOREFB,GOOD = 1.25 V) right after the moment that
BOM or DPRSLP is asserted/deasserted. PWRGD should not go high immediately, only with the specified blanking delay time.
3Guaranteed by characterization.
4Measured from 50% of VID code transition amplitude to the point where V
DACOUT settles within
± 1% of its steady state value.
540 mV p-p amplitude impulse with 20 mV overdrive. Measured from the input threshold intercept point to 50% of the output voltage swing.
6Measured between the 30% and 70% points of the output voltage swing.
Specifications subject to change without notice.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com