Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3806JRU-12.6-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3806JRU-12.6-R7
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-12.6-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP3806JRU-12.6-R7 Datasheet HTML 1Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 2Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 3Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 4Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 5Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 6Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 7Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 8Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
ADP3806
–5–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADP3806
LC
COMP
SD
REF
REG
VCC
SYS–
SYS+
ISYS
SYNC
CT
LIMIT
AGND
BAT
BATSEL
ISET
CS–
SW
DRVH
BST
BSTREG
CS+
PGND
DRVL
PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic Function
1
VCC
Supply Voltage.
2
SYS–
Negative System Current Sense Input.
3
SYS+
Positive System Current Sense Input.
4
ISYS
System Current Sense Output.
5
LIMIT
System Current Sense Limit Output.
6CTOscillator Timing Capacitor.
7
SYNC
Oscillator Synchronization Pin.
8
REG
6.0 V Analog Regulator Output.
PIN FUNCTION DESCRIPTION(continued)
Pin No.
Mnemonic Function
9
REF
2.5 V Precision Reference Output.
10
SD
Shutdown Control Input.
11
COMP
External Compensation Node.
12
LC
Low Current Output.
13
AGND
Analog Ground.
14
BAT
Battery Sense Input.
2.5 V for ADP3806.
12.525 V/16.7 V for ADP3806-12.5.
12.6 V/16.8 V for ADP3806-12.6.
15
BATSEL
Battery Voltage Sense Input.
High = 3 Cells, Low = 4 Cells.
16
ISET
Charge Current Program Input.
17
CS–
Negative Current Sense Input.
18
CS+
Positive Current Sense Input.
19
PGND
Power Ground.
20
DRVL
Low Drive Output Switches between
REG and PGND.
21
BSTREG
7.0 V Regulator Output for Boost.
22
BST
Floating Bootstrap Supply for DRVH.
23
DRVH
High Drive Output Switches between
SW and BST.
24
SW
Buck Switching Node Reference for
DRVH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com