Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3806JRU-12.6-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3806JRU-12.6-R7
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-12.6-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3806JRU-12.6-R7 Datasheet HTML 3Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 4Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 5Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 6Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 7Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 8Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 9Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 10Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
ADP3806
–7–
0
2
4
6
8
10
12
14
16
18
DRIVER LOAD CAPACITANCE (pF)
VCC = 16V
TA = 25 C
fOSC = 250kHz
0
500
1000
1500
2000
2500
3000
3500
TPC 7. Supply Current vs. Driver Load Capacitance
0
0.2
0.4
0.6
0.8
1.0
10.0
12.5
15.0
17.5
20.0
VCC (V)
TA = 0 C
TA = 25 C
TA = 100 C
TPC 8. OFF Supply Current vs. VCC
0
100
200
300
400
500
600
0
200
400
600
800
CT (pF)
VCC = 16V
TA = 25 C
TPC 9. Oscillator Frequency vs. CT
0
1
2
3
4
5
6
2.0
2.2
2.4
2.6
2.8
3.0
3.2
VISYS (V)
VCC = 16V
TA = 25 C
50k
TO 5V
50k
TO 2.5V
TPC 10. VLIMIT vs. VISYS
0
2
4
6
8
10
020
4060
80
100
TEMPERATURE ( C)
DRIVER SOURCING
DRIVER SINKING
VCC = 16V
TPC 11. Driver On Resistance vs. Temperature
DRVH
5V/DIV
VCC = 16V
TA = 25 C
FIGURE 1
DRVL 5V/DIV
200ns/DIV
TPC 12. Driver Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com