Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3806JRU-12.6-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3806JRU-12.6-R7
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-12.6-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3806JRU-12.6-R7 Datasheet HTML 2Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 3Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 4Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 5Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 6Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 7Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 8Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 9Page - Analog Devices ADP3806JRU-12.6-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
ADP3806–Typical Performance Characteristics
0
5
10
15
20
25
30
VBAT ACCURACY (%)
VCC = 16V
TA = 25 C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
TPC 1. VBAT Accuracy Distribution
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
TEMPERATURE ( C)
VCC = 16V
0
20
40
60
80
100
TPC 2. VBAT Accuracy vs. Temperature
–0.10
–0.05
0
0.05
0.10
10
12
14
16
18
20
VCC (V)
TA = 25 C
TPC 3. VBAT Accuracy vs. VCC
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE ( C)
VCC = 16V
0
20
40
60
80
100
TPC 4. VREF Accuracy vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
510
15
20
VCC (V)
TA = 25 C
TPC 5. VREF Accuracy vs. VCC
4.0
4.4
4.8
5.2
5.6
6.0
10
12
14
16
18
20
VCC (V)
NO LOADS
TA = 25 C
TA = 100 C
TA = 0 C
TPC 6. ON Supply Current vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com