Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-2104 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 8Page - Analog Devices ADSP-2104 Datasheet HTML 9Page - Analog Devices ADSP-2104 Datasheet HTML 10Page - Analog Devices ADSP-2104 Datasheet HTML 11Page - Analog Devices ADSP-2104 Datasheet HTML 12Page - Analog Devices ADSP-2104 Datasheet HTML 13Page - Analog Devices ADSP-2104 Datasheet HTML 14Page - Analog Devices ADSP-2104 Datasheet HTML 15Page - Analog Devices ADSP-2104 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
RECOMMENDED OPERATING CONDITIONS
K Grade
Parameter
Min
Max
Unit
VDD
Supply Voltage
4.50
5.50
V
TAMB
Ambient Operating Temperature
0
+70
°C
See “Environmental Conditions” for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
VIH
Hi-Level Input Voltage
3, 5
@ VDD = max
2.0
V
VIH
Hi-Level CLKIN Voltage
@ VDD = max
2.2
V
VIL
Lo-Level Input Voltage
1, 3
@ VDD = min
0.8
V
VOH
Hi-Level Output Voltage
2, 3, 7
@ VDD = min, IOH = –0.5 mA
2.4
V
@ VDD = min, IOH = –100
µA8
VDD – 0.3
V
VOL
Lo-Level Output Voltage
2, 3, 7
@ VDD = min, IOL = 2 mA
0.4
V
IIH
Hi-Level Input Current
1
@ VDD = max, VIN = VDD max
10
µA
IIL
Lo-Level Input Current
1
@ VDD = max, VIN = 0 V
10
µA
IOZH
Three-State Leakage Current
4
@ VDD = max, VIN = VDD max
6
10
µA
IOZL
Three-State Leakage Current
4
@ VDD = max, VIN = 0 V
6
10
µA
CI
Input Pin Capacitance
1, 8, 9
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
CO
Output Pin Capacitance
4, 8, 9, 10
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
NOTES
1Input-only pins: CLKIN, RESET, IRQ2, BR, MMAP, DR1, DR0.
2Output pins: BG, PMS, DMS, BMS, RD, WR, A0–A13, CLKOUT, DT1, DT0.
3Bidirectional pins: D0–D23, SCLK1, RFS1, TFS1, SCLK0, RFS0, TFS0.
4Three-state pins: A0–A13, D0–D23, PMS, DMS, BMS, RD, WR, DT1, SCLK1, RSF1, TFS1, DT0, SCLK0, RFS0, TFS0.
5Input-only pins: RESET, IRQ2, BR, MMAP, DR1, DR0.
60 V on BR, CLKIN Active (to force three-state condition).
7Although specified for TTL outputs, all ADSP-2104/ADSP-2109 outputs are CMOS-compatible and will drive to V
DD and GND, assuming no dc loads.
8Guaranteed but not tested.
9Applies to PGA, PLCC, PQFP package types.
10Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
ADSP-2104/ADSP-2109–SPECIFICATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADSP-2104/ADSP-2109 processor features proprietary ESD protection circuitry to dissipate
high energy electrostatic discharges (Human Body Model), permanent damage may occur to devices
subjected to such discharges. Therefore, proper ESD precautions are recommended to avoid
performance degradation or loss of functionality. Unused devices must be stored in conductive foam
or shunts, and the foam should be discharged to the destination socket before the devices are
removed. Per method 3015 of MIL-STD-883, the ADSP-2104/ADSP-2109 processor has been
classified as Class 1 device.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Operating Temperature Range (Ambient) . . . –55ºC to +125
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature (10 sec) PGA . . . . . . . . . . . . . . . . . +300
°C
Lead Temperature (5 sec) PLCC, PQFP, TQFP . . . . +280
°C
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these
or any other conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
–12–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com