Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-2104 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 9Page - Analog Devices ADSP-2104 Datasheet HTML 10Page - Analog Devices ADSP-2104 Datasheet HTML 11Page - Analog Devices ADSP-2104 Datasheet HTML 12Page - Analog Devices ADSP-2104 Datasheet HTML 13Page - Analog Devices ADSP-2104 Datasheet HTML 14Page - Analog Devices ADSP-2104 Datasheet HTML 15Page - Analog Devices ADSP-2104 Datasheet HTML 16Page - Analog Devices ADSP-2104 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADSP-2104/ADSP-2109
REV. 0
–13–
SPECIFICATIONS (ADSP-2104/ADSP-2109)
SUPPLY CURRENT & POWER
Parameter
Test Conditions
Min
Max
Unit
IDD
Supply Current (Dynamic)
1
@ VDD = max, tCK = 50 ns
2
31
mA
@ VDD = max, tCK = 72.3 ns
2
24
mA
IDD
Supply Current (Idle)
1, 3
@ VDD = max, tCK = 50 ns
11
mA
@ VDD = max, tCK = 72.3 ns
10
mA
NOTES
1Current reflects device operating with no output loads.
2V
IN = 0.4 V and 2.4 V.
3Idle refers to ADSP-2104/ADSP-2109 state of operation during execution of IDLE instruction. Deasserted pins are driven to either V
DD or GND.
For typical supply current (internal power dissipation) figures, see Figure 7.
Figure 7. ADSP-2104/ADSP-2109 Power (Typical) vs. Frequency
1 POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
2 IDLE REFERS TO ADSP-2104/ADSP-2109 OPERATION DURING EXECUTION OF IDLE INSTRUCTION.
DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND.
3 MAXIMUM POWER DISSIPATION AT VDD = 5.5V DURING EXECUTION OF IDLE n INSTRUCTION.
30.00
20.00
13.83
10.00
25.00
30
45
35
40
50
60
55
65
IDLE 128
IDD IDLE
IDLE 16
55mW
41mW
40mW
60mW
42mW
41mW
FREQUENCY – MHz
IDD IDLE n MODES3
30.00
20.00
13.83
10.00
25.00
80
60
140
100
120
160
200
180
220
129mW
100mW
74mW
170mW
128mW
95mW
FREQUENCY – MHz
IDD DYNAMIC1
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
30.00
20.00
13.83
10.00
25.00
0
30
10
20
40
60
50
70
55mW
38mW
28mW
60mW
42mW
31mW
FREQUENCY – MHz
IDD IDLE1, 2
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com