Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-2104 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 17Page - Analog Devices ADSP-2104 Datasheet HTML 18Page - Analog Devices ADSP-2104 Datasheet HTML 19Page - Analog Devices ADSP-2104 Datasheet HTML 20Page - Analog Devices ADSP-2104 Datasheet HTML 21Page - Analog Devices ADSP-2104 Datasheet HTML 22Page - Analog Devices ADSP-2104 Datasheet HTML 23Page - Analog Devices ADSP-2104 Datasheet HTML 24Page - Analog Devices ADSP-2104 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADSP-2104/ADSP-2109
REV. 0
–21–
Frequency
20 MHz
Dependency
Parameter
Min
Max
Min
Max
Unit
Timing Requirement:
tCK
CLKIN Period
50
150
ns
tCKL
CLKIN Width Low
20
20
ns
tCKH
CLKIN Width High
20
20
ns
tRSP
RESET
Width Low
250
5tCK
1
ns
Switching Characteristic:
tCPL
CLKOUT Width Low
15
0.5tCK – 10
ns
tCPH
CLKOUT Width High
15
0.5tCK – 10
ns
tCKOH
CLKIN High to CLKOUT High
0
20
ns
NOTE
1Applies after powerup sequence is complete. Internal phase lock loop requires no more than 2000 CLKIN cycles, assuming stable CLKIN (not including crystal
oscillator startup time).
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
CLOCK SIGNALS & RESET
Figure 19. Clock Signals
CLKIN
CLKOUT
tCKOH
tCK
tCKH
tCKL
tCPH
tCPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com