Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ART-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR381ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR381ART-R2 Datasheet HTML 2Page - Analog Devices ADR381ART-R2 Datasheet HTML 3Page - Analog Devices ADR381ART-R2 Datasheet HTML 4Page - Analog Devices ADR381ART-R2 Datasheet HTML 5Page - Analog Devices ADR381ART-R2 Datasheet HTML 6Page - Analog Devices ADR381ART-R2 Datasheet HTML 7Page - Analog Devices ADR381ART-R2 Datasheet HTML 8Page - Analog Devices ADR381ART-R2 Datasheet HTML 9Page - Analog Devices ADR381ART-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
–6–
ADR380/ADR381
PPM ( C)
–11 –9 –7 –5
–3 –1
1
3
0
5
10
15
20
25
30
579
11 13
15 17 19
TOTAL NUMBER
OF DEVICES = 130
TEMPERATURE +25 C
–40 C
+85 C
+25 C
TPC 3. ADR380 Output Voltage Temperature Coefficient
PPM ( C)
–11 –9 –7 –5
–3 –1
1
3
0
10
20
30
40
50
60
57
9
11 13
15
–15 –13
TOTAL NUMBER
OF DEVICES IN
SAMPLE = 450
TEMPERATURE +25 C
–40 C
+85 C
+25 C
TPC 4. ADR381 Output Voltage Temperature Coefficient
INPUT VOLTAGE (V)
2.5
5.0
7.5
10.0
12.5
15.0
+85 C
+25 C
–40 C
0
20
40
80
100
120
140
60
TPC 5. ADR380 Supply Current vs. Input Voltage
–40 C
INPUT VOLTAGE (V)
2.5
5.0
7.5
10.0
12.5
15.0
+85 C
+25 C
0
20
40
80
100
120
140
60
TPC 6. ADR381 Supply Current vs. Input Voltage
VIN = 5V
VIN = 3V
TEMPERATURE ( C)
–40
–15
10
35
60
85
0
10
20
40
50
60
70
30
IL = 0mA TO 5mA
TPC 7. ADR380 Load Regulation vs. Temperature
VIN = 5V
VIN = 3.5V
TEMPERATURE ( C)
–40
–15
10
35
60
85
0
10
20
40
50
60
70
30
IL = 5mA
TPC 8. ADR381 Load Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com