Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ART-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR381ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR381ART-R2 Datasheet HTML 4Page - Analog Devices ADR381ART-R2 Datasheet HTML 5Page - Analog Devices ADR381ART-R2 Datasheet HTML 6Page - Analog Devices ADR381ART-R2 Datasheet HTML 7Page - Analog Devices ADR381ART-R2 Datasheet HTML 8Page - Analog Devices ADR381ART-R2 Datasheet HTML 9Page - Analog Devices ADR381ART-R2 Datasheet HTML 10Page - Analog Devices ADR381ART-R2 Datasheet HTML 11Page - Analog Devices ADR381ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
–10–
ADR380/ADR381
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage and low power voltage reference applications,
and the ADR380/ADR381 are no exception. But the unique-
ness of this product lies in its architecture. By observing Figure
1, the ideal zero TC band gap voltage is referenced to the
output, not to ground. The band gap cell consists of the PNP
pair Q51 and Q52, running at unequal current densities. The
difference in VBE results in a voltage with a positive TC which is
amplified up by the ratio of 2
× R58/R54. This PTAT voltage,
combined with VBEs of Q51 and Q52, produce the stable band
gap voltage. Reduction in the band gap curvature is performed
by the ratio of the two resistors R44 and R59. Precision laser
trimming and other patented circuit techniques are used to
further enhance the drift performance.
GND
VOUT
VIN
Q1
R59
R54
Q51
R60
R61
R48
R49
R44
R58
R53
Q52
–
+
Figure 1. Simplified Schematic
Device Power Dissipation Considerations
The ADR380/ADR381 are capable of delivering load currents
to 5 mA with an input voltage that ranges from 2.8 V (ADR381
only) to 15 V. When this device is used in applications with
large input voltages, care should be taken to avoid exceeding the
specified maximum power dissipation or junction temperature
that could result in premature device failure. The following
formula should be used to calculate a device’s maximum junc-
tion temperature or dissipation:
P
TT
D
A
A
= J
J
–
θ
where:
PD is the device power dissipation,
TJ and TA are junction and ambient temperatures,
respectively, and
θJ
A is the device package thermal resistance.
Input Capacitor
Input capacitor is not required on the ADR380/ADR381. There
is no limit for the value of the capacitor used on the input, but a
capacitor on the input will improve transient response in appli-
cations where the load current suddenly increases.
Output Capacitor
The ADR380/ADR381 do not need an output capacitor for
stability under any load condition. An output capacitor, typically
0.1
µF, will take out any very low level noise voltage, and will
not affect the operation of the part. The only parameter that will
degrade by putting an output capacitor here is turn-on time.
(This will vary depending on the size of the capacitor.) Load
transient response is also improved with an output capacitor. A
capacitor will act as a source of stored energy for a sudden in-
crease in load current.
APPLICATIONS
Stacking Reference ICs for Arbitrary Outputs
Some applications may require two reference voltage sources
which are a combined sum of standard outputs. The following
circuit shows how this stacked output reference can be imple-
mented:
GND
VOUT
VIN
C1
0.1 F
U2
ADR380/
ADR381
3
GND
VOUT
VIN
U1
ADR380/
ADR381
C3
0.1 F
C2
1 F
C4
1 F
3
R1
3.9k
VOUT2
VOUT1
2
2
1
1
VIN
Figure 2. Stacking Voltage References with the
ADR380/ADR381
Two ADR380s or ADR381s are used; the outputs of the indi-
vidual references are simply cascaded to reduce the supply
current. Such configuration provides two output voltages—
VOUT1 and VOUT2. VOUT1 is the terminal voltage of U1, while
VOUT2 is the sum of this voltage and the terminal voltage of U2.
U1 and U2 can be chosen for the two different voltages that
supply the required outputs.
While this concept is simple, a precaution is in order. Since the
lower reference circuit must sink a small bias current from U2,
plus the base current from the series PNP output transistor in
U2, the external load of either U1 or R1 must provide a path for
this current. If the U1 minimum load is not well-defined, the
resistor R1 should be used, set to a value that will conservatively
pass 600
µA of current with the applicable V
OUT1 across it. Note
that the two U1 and U2 reference circuits are locally treated as
macrocells, each having its own bypasses at input and output for
optimum stability. Both U1 and U2 in this circuit can source dc
currents up to their full rating. The minimum input voltage, VS,
is determined by the sum of the outputs, VOUT2, plus the
300 mV dropout voltage of U2.
A Negative Precision Reference Without Precision Resistors
In many current-output CMOS DAC applications where the
output signal voltage must be of the same polarity as the refer-
ence voltage, it is often required to reconfigure a current-switching
DAC into a voltage-switching DAC through the use of a 1.25 V
reference, an op amp, and a pair of resistors. Using a current-
switching DAC directly requires an additional operational
amplifier at the output to reinvert the signal. A negative voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com