Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ART-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR381ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR381ART-R2 Datasheet HTML 4Page - Analog Devices ADR381ART-R2 Datasheet HTML 5Page - Analog Devices ADR381ART-R2 Datasheet HTML 6Page - Analog Devices ADR381ART-R2 Datasheet HTML 7Page - Analog Devices ADR381ART-R2 Datasheet HTML 8Page - Analog Devices ADR381ART-R2 Datasheet HTML 9Page - Analog Devices ADR381ART-R2 Datasheet HTML 10Page - Analog Devices ADR381ART-R2 Datasheet HTML 11Page - Analog Devices ADR381ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. A
ADR380/ADR381
–11–
reference is then desirable from the point that an additional
operational amplifier is not required for either reinversion
(current-switching mode) or amplification (voltage-switching
mode) of the DAC output voltage. In general, any positive
voltage reference can be converted into a negative voltage refer-
ence through the use of an operational amplifier and a pair of
matched resistors in an inverting configuration. The disadvan-
tage to this approach is that the largest single source of error in
the circuit is the relative matching of the resistors used.
The circuit in Figure 3 avoids the need for tightly matched
resistors with the use of an active integrator circuit. In this circuit,
the output of the voltage reference provides the input drive for
the integrator. The integrator, to maintain circuit equilibrium,
adjusts its output to establish the proper relationship between
the reference’s VOUT and GND. Thus, any negative output
voltage desired can be chosen by simply substituting for the
appropriate reference IC. A precaution should be noted with
this approach: although rail-to-rail output amplifiers work best
in the application, these operational amplifiers require a finite
amount (mV) of headroom when required to provide any load
current. The choice for the circuit’s negative supply should take
this issue into account.
GND
VOUT
VIN
U1
ADR380
C2
0.1 F
3
+5V
–VREF
VIN
R4
1k
C1
1 F
C3
1 F
2
R3
100k
A1
1
C4
1 F
U2
–5V
OP195
R5
100
–V
+V
Figure 3. A Negative Precision Voltage Reference
Uses No Precision Resistors
Precision Current Source
Many times in low power applications, the need arises for a pre-
cision current source that can operate on low supply voltages.
As shown in Figure 4, the ADR380/ADR381 can be configured
as a precision current source. The circuit configuration illustrated
is a floating current source with a grounded load. The reference’s
output voltage is bootstrapped across RSET (R1 + P1), which sets
the output current into the load. With this configuration, circuit
precision is maintained for load currents in the range from the
reference’s supply current, typically 90
µA to approximately 5 mA.
GND
VOUT
VIN
U1
ADR380
C2
0.1 F
3
VIN
C1
1 F
C3
1 F
2
R1
1
RL
P1
IOUT
ISY
ADJUST
Figure 4. A Precision Current Source
Precision High Current Voltage Source
In some cases, the user may want higher output current delivered
to a load and still achieve better than 0.5% accuracy out of the
ADR380/ADR381. The accuracy for a reference is normally
specified on the data sheet with no load. However, the output
voltage changes with load current.
The circuit in Figure 5 provides high current without compro-
mising the accuracy of the ADR380/ADR381. By op amp action,
VO follows VREF with very low drop in R1. To maintain circuit
equilibrium, the op amp also drives the N-Ch MOSFET Q1 into
saturation to maintain the current needed at different loads. R2
is optional to prevent oscillation at Q1. In such an approach, hun-
dreds of milliamps of load current can be achieved and the current
is limited by the thermal limitation of Q1. VIN = VO + 300 mV.
GND
VOUT
VIN
U1
ADR380/
ADR381
3
VO
2
R2
100
1
C1
0.001 F
Q1
2N7002
+8 –15V
R1
100k
RL
VIN
A1
–V
+V
AD820
Figure 5. ADR380/ADR381 for Precision High
Current Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com