Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7701K Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7701K
Description  16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7701K Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7701K Datasheet HTML 3Page - IXYS Corporation CPC7701K Datasheet HTML 4Page - IXYS Corporation CPC7701K Datasheet HTML 5Page - IXYS Corporation CPC7701K Datasheet HTML 6Page - IXYS Corporation CPC7701K Datasheet HTML 7Page - IXYS Corporation CPC7701K Datasheet HTML 8Page - IXYS Corporation CPC7701K Datasheet HTML 9Page - IXYS Corporation CPC7701K Datasheet HTML 10Page - IXYS Corporation CPC7701K Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7701
R03
www.ixysic.com
11
3.5 Mechanical Dimensions
3.6 Tape and Reel Specifications
Dimensions
mm
(inches)
0.60, +0.15/-0.10
(0.024, +0.006/-0.004)
1.60 Max
(0.063Max)
1.40 ± 0.05
(0.055 ± 0.002)
0.05 Min / 0.15 Max
(0.002 Min - 0.006 Max)
0.50
(0.020)
PCB Land Pattern
8.40
(0.331)
0.50
(0.020)
0.30
(0.012)
1.50
(0.059)
8.40
(0.331)
Pin 48
Pin 1
0.22 ± 0.05
(0.009 ± 0.002)
7.00 ± 0.10
(0.276 ± 0.004)
9.00 ± 0.20
(0.354 ± 0.008)
Dimensions
mm
(inches)
K
0=2.20
(0.087)
K
1=1.60
(0.063)
16.0±0.3
(0.63±0.012)
12.00
(0.472)
A
0=9.30
(0.366)
B
0=9.30
(0.366)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
NOTE: Unless otherwise specified, tolerance ±0.1 (0.004)
For additional information please visit www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed
or implied. Except as set forth in IXYS Integrated Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability
whatsoever, and disclaims any express or implied warranty relating to its products, including, but not limited to, the implied warranty of merchantability, fitness for a
particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical
harm, injury, or death to a person or severe property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes
to its products at any time without notice.
Specification: DS-CPC7701-R03
© Copyright 2012, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
12/18/2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com