Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7701K Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC7701K
Description  16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7701K Datasheet(HTML) 4 Page - IXYS Corporation

  CPC7701K Datasheet HTML 1Page - IXYS Corporation CPC7701K Datasheet HTML 2Page - IXYS Corporation CPC7701K Datasheet HTML 3Page - IXYS Corporation CPC7701K Datasheet HTML 4Page - IXYS Corporation CPC7701K Datasheet HTML 5Page - IXYS Corporation CPC7701K Datasheet HTML 6Page - IXYS Corporation CPC7701K Datasheet HTML 7Page - IXYS Corporation CPC7701K Datasheet HTML 8Page - IXYS Corporation CPC7701K Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R03
CPC7701
1.3 Absolute Maximum Ratings
Electrical Absolute Maximum ratings are at 25°C.
All voltages are referenced from ground (GND).
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 Operating Conditions
1 Power up/down sequence is arbitrary except that GND must be powered-up first and powered-down last.
2 V
SW must be VNN  VSW  VPP or floating during power up/down transition.
Parameter
Min
Max
Units
VDD Logic Power Supply Voltage
-0.5
7
V
VPP - VNN Supply Voltage
-220
V
VPP Positive High Voltage Supply
-0.5
VNN+200
V
VNN Negative High Voltage Supply
-0.5
VPP-200
V
RGND-GND Differential
-0.3
+0.3
V
Logic input voltages
-0.5
VDD+0.3
V
Analog signal range
VNN
VPP
V
Peak analog signal current per channel
-
1
A
Power dissipation
-
2.3
W
Storage temperature
- 65
+150
C
Parameter
Symbol
Value
Logic power supply voltage 1
VDD
3V to 5.5V
Positive high voltage supply 1
VPP
40V to VNN + 200V
Negative high voltage supply 1
VNN
-40V to -160V
Analog signal voltage, peak-to-peak 2
VSW
VNN+10V to VPP-10V
Operating temperature
TA
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com