Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7701K Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7701K
Description  16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7701K Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7701K Datasheet HTML 1Page - IXYS Corporation CPC7701K Datasheet HTML 2Page - IXYS Corporation CPC7701K Datasheet HTML 3Page - IXYS Corporation CPC7701K Datasheet HTML 4Page - IXYS Corporation CPC7701K Datasheet HTML 5Page - IXYS Corporation CPC7701K Datasheet HTML 6Page - IXYS Corporation CPC7701K Datasheet HTML 7Page - IXYS Corporation CPC7701K Datasheet HTML 8Page - IXYS Corporation CPC7701K Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7701-R03
www.ixysic.com
1
Features
• Processed with BCDMOS on SOI (Silicon on
Insulator)
• Flexible High Voltage Supplies up to V
PP-VNN=200V
• Internal Output Bleed Resistors
• DC to 10MHz Analog Signal Frequency
• 60dB Minimum Output-Off Isolation at 5MHz
• Low Quiescent Power Dissipation (< 1
A Typical)
• Low Output On-Resistance
• Surface Mount Package
Applications
• Ultrasound Imaging
• Printers
• Industrial Controls and Measurement
• Piezoelectric Transducer Drivers
Figure 1. Block Diagram
Description
The CPC7701 is a low charge injection 16-channel
high-voltage analog switch integrated circuit (IC) for
use in applications requiring high voltage switching.
Bleed resistors are incorporated into both terminals of
each output switch. Control of the high voltage
switching is via low voltage CMOS logic level inputs for
direct connectivity to the system controller.
Switch manipulation is managed by an 16-bit serial to
parallel shift register whose outputs are buffered and
stored by a 16-bit transparent latch. Level shifters
buffer the latch outputs and operate the high voltage
switches.
Because the CPC7701 is capable of switching high
load voltages and has a flexible load voltage range,
e.g. VPP/VNN: +40V/160V or +100V/100V, it is well
suited for many medical and industrial applications
such as medical ultrasound imaging, printers, and
industrial measurement equipment. The bleed
resistors enable the discharge of capacitive loads,
such as piezoelectric transducers, connected to the
output switches of the CPC7701.
Construction of the high voltage switches using IXYS
Integrated Circuits Division's reliable SOI BCDMOS
process technology allows the switches to be
organized as solid state switches with direct gate
drive.
Ordering Information
VNN
VPP
CL
DIN
CLK
DOUT
VDD
16 BIT
SHIFT
REGISTER
LATCHES
OUTPUT
SWITCHES
LE
RGND
SW0
CL
D
LE
SW1
CL
D
LE
SW2
CL
D
LE
SW3
CL
D
LE
SW4
CL
D
LE
SW5
CL
D
LE
SW6
CL
D
LE
SW15
CL
D
LE
LEVEL
SHIFTERS
Part Number Description
CPC7701K
48-Pin LQFP in Trays (250/Tray)
CPC7701KTR
48-Pin LQFP Tape & Reel (2000/Reel)
e3
Pb
CPC7701
16-Channel High Voltage Analog Switch
with Integrated Bleed Resistors


Similar Part No. - CPC7701K

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220K CLARE-CPC7220K Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220K IXYS-CPC7220K Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
CPC7220K IXYS-CPC7220K Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results

Similar Description - CPC7701K

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
16 Channel High Voltage Analog Switch With Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
HV2731 SUTEX-HV2731_09 Datasheet
520Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
logo
Monolithic Power System...
MP4816A MPS-MP4816A Datasheet
125Kb / 2P
16-Channel High Voltage Analog Switch With Output Bleed Resistors
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
32-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
MPS Industries, Inc.
MP4864A MPSIND-MP4864A Datasheet
1Mb / 22P
64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
Rev. 1.0 10/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com