Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4N60-252-R Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # ET4N60-252-R
Description  600V, 4A, N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET4N60-252-R Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  ET4N60-252-R Datasheet HTML 1Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 2Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 3Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 4Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 5Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 6Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 7Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ET4N60
www.estek.com.cn
Copyright @ Estek Electronics Co., Ltd
Version 0.2
26 Sep 2011
2
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
600
V
Continuous Drain Current(@TC = 25 °C)
4.0
A
ID
Continuous Drain Current(@TC = 100 °C)
2.5
A
IDM
Drain Current Pulsed
16
A
VGS
Gate to Source Voltage
+30
V
EAS
Single Pulsed Avalanche Energy
240
mJ
EAR
Repetitive Avalanche Energy
10
mJ
dv/dt
Peak Diode Recovery dv/dt
4.5
V/ns
TO-220
105
TO-220F
33
PD
Total Power Dissipation
(@TC = 25 °C)
TO-252
50
W
TSTG, TJ
Storage Temperature, Junction Temperature
-55~150
°C
Notes:
(1).. Repeativity rating : pulse width limited by junction temperature
(2).. L = 27.5mH, IAS = 4.0 A, VDD = 50 V, RG = 25 Ω , Starting TJ = 25 °C
(3).. ISD ≤ 4.0 A, di/dt ≤ 200 A/us, VDD ≤ BVDSS, Starting TJ = 25 °C
Thermal Characteristics
Value
Symbol
Parameter
Min.
Typ.
Max.
Units
TO-220
-
-
1.18
TO-220F
-
-
3.79
RθJC
Thermal Resistance,
Junction-to-Case
TO-252
-
-
2.5
TO-220
-
-
62.5
TO-220F
62.5
RθJA
Thermal Resistance,
Junction-to-Ambient
TO-252
83
°C/W
Source-Drain Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
IS
Maximum Continuous Source-Drain Diode Forward Current
-
-
4.0
ISM
Maximum Pulsed Source-Drain Diode Forward Current
-
-
16
A
VSD
Diode Forward Voltage
IS = 4.0 A, VGS = 0 V
-
-
1.4
V
trr
Reverse Recovery Time
-
300
-
ns
Qrr
Reverse Recovery Charge
IS = 4.0 A, VGS = 0 V,
dIF/dt = 100 A/us
-
2.2
-
uC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com