Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4N60-252-R Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # ET4N60-252-R
Description  600V, 4A, N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET4N60-252-R Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  ET4N60-252-R Datasheet HTML 1Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 2Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 3Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 4Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 5Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 6Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 7Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ET4N60
www.estek.com.cn
Copyright @ Estek Electronics Co., Ltd
Version 0.2
26 Sep 2011
3
Electrical Characteristics (TC=25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V,
ID = 250 uA
600
-
-
V
ΔBVDSS/
ΔTJ
Breakdown Voltage Temperature
coefficient
ID = 250 uA,
Referenced to
25 °C
-
0.6
-
V/°C
VDS = 600 V,
VGS = 0 V
-
-
10
uA
IDSS
Drain-Source Leakage Current
VDS = 480 V,
TC = 125 °C
-
-
100
uA
Gate-Source Leakage, Forward
VGS = 30 V,
VDS = 0 V
-
-
100
nA
IGSS
Gate-source Leakage, Reverse
VGS = -30 V,
VDS = 0 V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 uA
2.0
-
4.0
V
RDS(ON)
Static Drain-Source
On-state Resistance
VGS = 10 V,
ID = 2.0 A
-
2.0
2.5
Ω
Dynamic Characteristics
Ciss
Input Capacitance
-
545
710
Coss
Output Capacitance
-
60
80
Crss
Reverse Transfer Capacitance
VGS = 0 V,
VDS =25 V,
f = 1 MHz
-
8
11
pF
Dynamic Characteristics
td(on)
Turn-on Delay Time
-
10
30
tr
Rise Time
-
35
80
td(off)
Turn-off Delay Time
-
45
100
tf
Fall Time
VDD = 300 V,
ID = 4.0 A,
RG =25 Ω
Pulse Width ≤ 300us,
-
40
90
ns
Qg
Total Gate Charge
-
15
20
Qgs
Gate-Source Charge
-
2.8
-
Qgd
Gate-Drain Charge(Miller Charge)
VDS = 480 V,
VGS = 10 V,
ID = 4.0 A
-
6.2
-
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com