Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4N60-252-R Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # ET4N60-252-R
Description  600V, 4A, N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET4N60-252-R Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  ET4N60-252-R Datasheet HTML 1Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 2Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 3Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 4Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 5Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 6Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 7Page - Estek Electronics Co. Ltd ET4N60-252-R Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ET4N60
www.estek.com.cn
Copyright @ Estek Electronics Co., Ltd
Version 0.2
26 Sep 2011
1
600V, 4A, N-Channel Power MOSFET
Features
Symbol
Applications
Pin Description
Ordering Information
Pin Assignment
Part Number
Package
1
2
3
Packing
ET4N60-220-T
TO-220
G
D
S
Tube
ET4N60-220F-T
TO-220F
G
D
S
Tube
ET4N60-252-T
TO-252
G
D
S
Tube
ET4N60-252-R
TO-252
G
D
S
Tape Reel
Switching Application
Adaptor
LED Lighting
RDS(ON)= (Max. 2.5 Ω)@VGS=10V.
Gate Charge (Typical 15nC).
Improved dv/dt Capability,
High Ruggedness.
100% Avalanche Tested.
Maximum Junction Temperature
Range(150oC).
VDSS=600V
IDS=4A
RDS(ON)=2.5 Ω


Similar Part No. - ET4N60-252-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ET4-1-SM1 MACOM-ET4-1-SM1 Datasheet
156Kb / 2P
E-Series RF 4:1 Transformer 0.5 - 350 MHz
logo
M/A-COM Technology Solu...
ET4-1-SM1 MA-COM-ET4-1-SM1 Datasheet
160Kb / 2P
E-Series RF 4:1 Transformer 0.5 - 350 MHz
logo
Tyco Electronics
ET4-1-SM1TR MACOM-ET4-1-SM1TR Datasheet
156Kb / 2P
E-Series RF 4:1 Transformer 0.5 - 350 MHz
logo
M/A-COM Technology Solu...
ET4-1-SM1TR MA-COM-ET4-1-SM1TR Datasheet
160Kb / 2P
E-Series RF 4:1 Transformer 0.5 - 350 MHz
logo
Extech Instruments Corp...
ET40 EXTECH-ET40 Datasheet
721Kb / 2P
Electrical Testers
More results

Similar Description - ET4N60-252-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_11 Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
600V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com