Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA127P Datasheet(PDF) 3 Page - IXYS Corporation

Part # LBA127P
Description  Dual Single-Pole, Combination OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA127P Datasheet(HTML) 3 Page - IXYS Corporation

  LBA127P Datasheet HTML 1Page - IXYS Corporation LBA127P Datasheet HTML 2Page - IXYS Corporation LBA127P Datasheet HTML 3Page - IXYS Corporation LBA127P Datasheet HTML 4Page - IXYS Corporation LBA127P Datasheet HTML 5Page - IXYS Corporation LBA127P Datasheet HTML 6Page - IXYS Corporation LBA127P Datasheet HTML 7Page - IXYS Corporation LBA127P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
LBA127
www.ixysic.com
3
R12
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-A/Form-B PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
35
30
25
20
15
10
5
0
1.18
1.20
1.22
1.24
1.26
LED Forward Voltage Drop (V)
Typical I
F for Switch Operation
(N=50, I
L=200mADC)
LED Current (mA)
25
20
15
10
5
0
0.35
0.45
0.55
0.40
0.50
0.60
Typical Blocking Voltage Distribution
(Form-A: I
F=0mA, Form-B: IF=5mA)
(N=50)
25
20
15
10
5
0
332
334
336
340
338
342
Blocking Voltage (V
P)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=5mA
I
F=10mA
I
F=20mA
I
F=50mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.40
0.45
0.50
0.55
0.60
0.65
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
315
320
325
330
335
340
345
350
355
Typical Blocking Voltage
vs. Temperature
(Form-A: I
F=0mA, Form-B: IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
Load Current vs. Load Temperature
(Form-A: I
F=5mA, Form-B: IF=0mA)
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10 s 100 s 1ms 10ms 100ms
1s
10s
100s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com