Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA127P Datasheet(PDF) 4 Page - IXYS Corporation

Part # LBA127P
Description  Dual Single-Pole, Combination OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA127P Datasheet(HTML) 4 Page - IXYS Corporation

  LBA127P Datasheet HTML 1Page - IXYS Corporation LBA127P Datasheet HTML 2Page - IXYS Corporation LBA127P Datasheet HTML 3Page - IXYS Corporation LBA127P Datasheet HTML 4Page - IXYS Corporation LBA127P Datasheet HTML 5Page - IXYS Corporation LBA127P Datasheet HTML 6Page - IXYS Corporation LBA127P Datasheet HTML 7Page - IXYS Corporation LBA127P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R12
LBA127
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-A RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Form-A
Typical Turn-On Time
(N=50, I
F=5mA, IL=200mADC)
0.33
0.39
0.45
0.30
0.36
0.42
Turn-On Time (ms)
25
20
15
10
5
0
Form-A
Typical Turn-Off Time
(N=50, I
F=5mA, IL=200mADC)
0.13
0.15
0.14
0.16
Turn-Off Time (ms)
25
20
15
10
5
0
0.17
0.12
Form-A
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=200mADC)
25
20
15
10
5
0
6.70
6.80
6.90
6.75
6.85
6.95
On-Resistance ( )
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
1.2
Form-A
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Form-A
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Form-A
Typical On-Resistance vs. Temperature
(I
F=5mA, IL=100mADC)
LED Forward Current (mA)
0
1020
304050
0
0.50
1.00
Form-A
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mADC)
0.25
0.75
LED Forward Current (mA)
0
1020
304050
0.150
0.155
0.160
0.165
Form-A
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mADC)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Form-A
Typical Load Current vs. Load Voltage
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.000
0.005
0.010
0.015
0.020
0.025
Form-A
Typical Leakage vs.Temperature
(Measured Across Pins 5 & 6)
(V
L=250V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com