Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA127P Datasheet(PDF) 5 Page - IXYS Corporation

Part # LBA127P
Description  Dual Single-Pole, Combination OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA127P Datasheet(HTML) 5 Page - IXYS Corporation

  LBA127P Datasheet HTML 1Page - IXYS Corporation LBA127P Datasheet HTML 2Page - IXYS Corporation LBA127P Datasheet HTML 3Page - IXYS Corporation LBA127P Datasheet HTML 4Page - IXYS Corporation LBA127P Datasheet HTML 5Page - IXYS Corporation LBA127P Datasheet HTML 6Page - IXYS Corporation LBA127P Datasheet HTML 7Page - IXYS Corporation LBA127P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
LBA127
www.ixysic.com
5
R12
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-B RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Form-B
Typical Turn-On Time
(N=50, I
F=5mA, IL=200mADC)
Turn-On Time (ms)
25
20
15
10
5
0
0.03
0.07
0.11
0.05
0.09
0.13
Form-B
Typical Turn-Off Time
(N=50, I
F=5mA, IL=200mADC)
Turn-Off Time (ms)
25
20
15
10
5
0
0.75
1.75
2.75
1.25
2.25
3.25
Form-B
Typical On-Resistance Distribution
(N=50, I
F=0mA, IL=200mADC)
On-Resistance ( )
25
20
15
10
5
0
4.05
4.65
5.25
4.35
4.95
5.55
Form-B
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
0.20
0.15
0.10
0.05
0
-40
0
40
-20
20
60
80
100
Form-B
Typical Turn-Off Time
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
0
40
-20
20
60
80
100
I
F=5mA
I
F=10mA
I
F=20mA
Form-B
Typical On-Resistance vs. Temperature
(I
F=0mA, IL=100mADC)
Temperature (ºC)
9
8
7
6
5
4
3
2
1
0
-40
0
40
-20
20
60
80
100
Form-B
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
78.5
78.0
77.5
77.0
76.5
76.0
010
20
5
15
253035
40
45
50
Form-B
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
2.5
2.0
1.5
1.0
0.5
0
010
20
5
15
253035
40
45
50
Form-B
Typical Load Current vs. Load Voltage
(I
F=0mA)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-1
-0.6
-0.2
-0.8
-0.4
0
0.2 0.4 0.6 0.8
1
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.01
0.02
0.03
0.04
0.05
0.06
Form-B
Typical Leakage vs. Temperature
Measured Across Pins 7&8
(I
F=5mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com