Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA716 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LBA716
Description  Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA716 Datasheet(HTML) 2 Page - IXYS Corporation

  LBA716 Datasheet HTML 1Page - IXYS Corporation LBA716 Datasheet HTML 2Page - IXYS Corporation LBA716 Datasheet HTML 3Page - IXYS Corporation LBA716 Datasheet HTML 4Page - IXYS Corporation LBA716 Datasheet HTML 5Page - IXYS Corporation LBA716 Datasheet HTML 6Page - IXYS Corporation LBA716 Datasheet HTML 7Page - IXYS Corporation LBA716 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
LBA716
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Characteristics: Form-A (Normally Open)
Load Current
Continuous
-I
L
--
1
A
rms / ADC
Peak
t < 10ms
I
LPK
--
±5
A
P
On-Resistance
I
L=1A
R
ON
-
0.21
0.4
Off-State Leakage Current
V
L=60V
I
LEAK
--
1
A
Output Capacitance
50V, f=1MHz
C
OUT
-
105
-
pF
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.7
5
ms
Turn-Off
t
off
-
0.09
5
Input Control Current to Activate
I
L=1A
I
F
--
2
mA
Input Control Current to Deactivate
-
I
F
0.1
-
-
mA
Characteristics: Form-B (Normally Closed)
Load Current
Continuous
-I
L
-
-
0.5
A
rms / ADC
Peak
t < 10ms
I
LPK
-
-
±1.2
A
P
On-Resistance
I
L=0.5A
R
ON
-
1.63
2
Off-State Leakage Current
V
L=60V, IF=5mA
I
LEAK
--
1
A
Output Capacitance
I
F=5mA, 50V, f=1MHz
C
OUT
-
280
-
pF
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.58
5
ms
Turn-Off
t
off
-
0.76
5
Input Control Current to Activate
-
I
F
--
2
mA
Input Control Current to Deactivate
I
L=0.5A
I
F
0.1
-
-
mA
Common Characteristics: Form-A and Form-B
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Capacitance, Input to Output
-
C
I/O
-3-
pF
*NOTE: If both poles operate simultaneously, then load current must be derated so as not to exceed the package power dissipation value.
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com