Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA716 Datasheet(PDF) 5 Page - IXYS Corporation

Part # LBA716
Description  Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA716 Datasheet(HTML) 5 Page - IXYS Corporation

  LBA716 Datasheet HTML 1Page - IXYS Corporation LBA716 Datasheet HTML 2Page - IXYS Corporation LBA716 Datasheet HTML 3Page - IXYS Corporation LBA716 Datasheet HTML 4Page - IXYS Corporation LBA716 Datasheet HTML 5Page - IXYS Corporation LBA716 Datasheet HTML 6Page - IXYS Corporation LBA716 Datasheet HTML 7Page - IXYS Corporation LBA716 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
LBA716
www.ixysic.com
5
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Form-B
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
417
418
419
420
421
422
423
Form-B
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (ma)
0
1020
304050
0
0.5
1.0
1.5
2.0
2.5
Form-B
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
200
300
400
500
600
700
800
Form-B
Typical Turn-On Time
vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Form-B
Typical Turn-Off Time
vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Form-B
Typical On-Resistance vs. Temperature
(I
F=0mA, IL=100mA)
Voltage (V)
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Form-B
Typical Load Voltage vs. Load Current
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Form-B
Maximum Load Current
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
80
82
84
86
88
90
92
94
Form-B
Typical Blocking Voltage
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
Form-B
Typical Leakage vs.Temperature
Measured Across Pins 7&8
(I
F=5mA, VL=60V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.3
0.5
0.7
0.9
1.1
1.3
1.5
Form-B
Energy Rating Curve
Form-B RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com