Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA716 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LBA716
Description  Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA716 Datasheet(HTML) 3 Page - IXYS Corporation

  LBA716 Datasheet HTML 1Page - IXYS Corporation LBA716 Datasheet HTML 2Page - IXYS Corporation LBA716 Datasheet HTML 3Page - IXYS Corporation LBA716 Datasheet HTML 4Page - IXYS Corporation LBA716 Datasheet HTML 5Page - IXYS Corporation LBA716 Datasheet HTML 6Page - IXYS Corporation LBA716 Datasheet HTML 7Page - IXYS Corporation LBA716 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
LBA716
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage Drop (V)
1.220
1.225
1.230
1.235
1.240
1.245
0
5
10
15
20
25
30
Form-A
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.57
0.61
0.65
0.69
0.73
0.77
0
5
10
15
20
25
Form-A
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.077
0.082
0.087
0.092
0.097
0.102
0
5
10
15
20
Form-A
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Current (mA)
0.65
0.69
0.73
0.77
0.81
0.85
0
5
10
15
20
Form-A
Typical I
F for Switch Operation
(N=50, I
L=200mA)
On-Resistance ( )
0.206
0.207
0.208
0.209
0.210
0.211
0
5
10
15
20
25
Form-A
Typical On-Resistance
(N=50, I
F=5mA, IL=1A)
Blocking Voltage (V
P)
65.5
66.0
66.5
67.0
67.5
68.0
0
5
10
15
20
Form-A
Typical Blocking Voltage
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
Form-A
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mA)
LED Forward Current (mA)
0
1020
304050
0
200
400
600
800
1000
1200
Form-A
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
77.1
77.2
77.3
77.4
77.5
77.6
77.7
77.8
Form-A
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
Form-A
Typical Turn-On Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
55
60
65
70
75
80
85
90
Form-A
Typical Turn-Off Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
Form-A
Typical On-Resistance (AC)
vs. Temperature
(I
L=500mA, IF=5mA)
Form-A RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com