Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC812 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC812
Description  MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC812 Datasheet(HTML) 1 Page - Analog Devices

  ADUC812 Datasheet HTML 1Page - Analog Devices ADUC812 Datasheet HTML 2Page - Analog Devices ADUC812 Datasheet HTML 3Page - Analog Devices ADUC812 Datasheet HTML 4Page - Analog Devices ADUC812 Datasheet HTML 5Page - Analog Devices ADUC812 Datasheet HTML 6Page - Analog Devices ADUC812 Datasheet HTML 7Page - Analog Devices ADUC812 Datasheet HTML 8Page - Analog Devices ADUC812 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADuC812
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
MicroConverter™, Multichannel
12-Bit ADC with Embedded FLASH MCU
FUNCTIONAL BLOCK DIAGRAM
MICROCONTROLLER
8051-COMPATIBLE
MICROCONTROLLER
POWER SUPPLY
MONITOR
WATCHDOG
TIMER
2-WIRE
SERIAL I/O
640 BYTES FLASH/EE
DATA MEMORY
256
8 USER
RAM
SPI
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
BUF
ADC
CONTROL
AND
CALIBRATION
LOGIC
T/H
TEMP
SENSOR
2.5V
REF
AIN
MUX
BUF
12-BIT
DAC0
BUF
MOSI/
SDATA
MISO
(P3.3)
SCLOCK
RxD
(P3.1)
TxD
(P3.0)
XTAL
2
XTAL
1
DGND
DVDD
AGND
AVDD
DAC0
DAC1
T0 (P3.4)
T1 (P3.5)
T2 (P1.0)
T2EX (P1.1)
INT0 (P3.2)
INT1 (P3.3)
ALE
PSEN
EA
RESET
ADuC812
P3.0
P3.7
P2.0
P2.7
P1.0
P1.7
P0.0
P0.7
AIN0 (P1.0)
AIN7 (P1.7)
VREF
CREF
ON-CHIP SERIAL
DOWN LOADER
8K BYTES FLASH/EE
PROGRAM MEMORY
DAC
CONTROL
3
16-BIT
TIMER/COUNTERS
OSC
UART
MUX
12-BIT
DAC1
FEATURES
ANALOG I/O
8-Channel, High Accuracy 12-Bit ADC
On-Chip, 40 ppm/ C Voltage Reference
High Speed 200 kSPS
DMA Controller for High Speed ADC-to-RAM Capture
Two 12-Bit Voltage Output DACs
On-Chip Temperature Sensor Function
MEMORY
8K Bytes On-Chip Flash/EE Program Memory
640 Bytes On-Chip Flash/EE Data Memory
On-Chip Charge Pump (No Ext. VPP Requirements)
256 Bytes On-Chip Data RAM
16M Bytes External Data Address Space
64K Bytes External Program Address Space
8051-COMPATIBLE CORE
12 MHz Nominal Operation (16 MHz Max)
Three 16-Bit Timer/Counters
32 Programmable I/O lines
High Current Drive Capability—Port 3
Nine Interrupt Sources, Two Priority Levels
POWER
Specified for 3 V and 5 V Operation
Normal, Idle and Power-Down Modes
ON-CHIP PERIPHERALS
UART Serial I/O
2-Wire (I
2C®-Compatible) and SPI® Serial I/O
Watchdog Timer
Power Supply Monitor
APPLICATIONS
Intelligent Sensors (IEEE 1451.2-Compatible)
Battery Powered Systems (Portable PCs, Instruments,
Monitors)
Transient Capture Systems
DAS and Communications Systems
GENERAL DESCRIPTION
The ADuC812 is a fully integrated 12-bit data acquisition
system incorporating a high performance self-calibrating
multichannel ADC, two 12-bit DACs and programmable 8-bit
(8051-compatible) MCU on a single chip.
The programmable 8051-compatible core is supported by
8K bytes Flash/EE program memory, 640 bytes Flash/EE data
memory and 256 bytes data SRAM on-chip.
Additional MCU support functions include Watchdog Timer,
Power Supply Monitor and ADC DMA functions. 32 Program-
mable I/O lines, I
2C-compatible, SPI and Standard UART
Serial Port I/O are provided for multiprocessor interfaces and
I/O expansion.
Normal, idle and power-down operating modes for both the
MCU core and analog converters allow for flexible power man-
agement schemes suited to low power applications. The part is
specified for 3 V and 5 V operation over the industrial tempera-
ture range and is available in a 52-lead, plastic quad flatpack
package.
I
2C is a registered trademark of Philips Corporation.
MicroConverter is a trademark of Analog Devices, Inc.
SPI is a registered trademark of Motorola Inc.


Similar Part No. - ADUC812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
ADUC812BS AD-ADUC812BS Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812BSZ-REEL AD-ADUC812BSZ-REEL Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
More results

Similar Description - ADUC812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
12/03 - Data Sheet Changed from REV. 0 to REV. A
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com