Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01AX/883C Datasheet(PDF) 10 Page - Analog Devices

Part # AMP01AX/883C
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX/883C Datasheet(HTML) 10 Page - Analog Devices

Back Button AMP01AX/883C Datasheet HTML 6Page - Analog Devices AMP01AX/883C Datasheet HTML 7Page - Analog Devices AMP01AX/883C Datasheet HTML 8Page - Analog Devices AMP01AX/883C Datasheet HTML 9Page - Analog Devices AMP01AX/883C Datasheet HTML 10Page - Analog Devices AMP01AX/883C Datasheet HTML 11Page - Analog Devices AMP01AX/883C Datasheet HTML 12Page - Analog Devices AMP01AX/883C Datasheet HTML 13Page - Analog Devices AMP01AX/883C Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AMP01
–10–
REV. D
LOAD CAPACITANCE – F
6
2
100p
1
4
1n
10n
100n
5
3
VS = 15V
1
0
Figure 21. Slew Rate vs.
Load Capacitance
VOLTAGE GAIN – G
1k
1
1k
10
1
10
100
100
VS = 15V
f = 1kHz
Figure 24. RTI Voltage Noise
Density vs. Gain
TEMPERATURE – C
6
0
–75 –50
150
–25
0
25
75
100 125
50
5
4
3
2
1
VS = 15V
Figure 27. Positive Supply Current
vs. Temperature
VOLTAGE GAIN – G
6
3
1k
4
1
10
100
5
2
1
0
VS = 15V
Figure 20. Slew Rate vs.
Voltage Gain
FREQUENCY – Hz
15
5
1
10k
10
10
100
1k
0
G = 1000
Figure 23. Voltage Noise Density
vs. Frequency
POWER SUPPLY VOLTAGE – Volts
–8
–7
0
0
5
20
10
15
–4
–3
–2
–1
–6
–5
TA = +25 C
Figure 26. Negative Supply Current
vs. Supply Voltage
VOLTAGE GAIN – G
70
40
1k
50
1
10
100
60
30
20
10
VS = 15V
20V STEP
Figure 22. Settling Time to 0.01%
vs. Voltage Gain
POWER SUPPLY VOLTAGE – Volts
8
7
0
0
5
20
10
15
4
3
2
1
6
5
TA = +25 C
Figure 25. Positive Supply Current
vs. Supply Voltage
TEMPERATURE – C
–6
0
–75 –50
150
–25
0
25
75
100 125
50
–5
–4
–3
–2
–1
VS = 15V
VSENSE = VREF = 0V
Figure 28. Negative Supply Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com