Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01AX/883C Datasheet(PDF) 15 Page - Analog Devices

Part # AMP01AX/883C
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX/883C Datasheet(HTML) 15 Page - Analog Devices

Back Button AMP01AX/883C Datasheet HTML 11Page - Analog Devices AMP01AX/883C Datasheet HTML 12Page - Analog Devices AMP01AX/883C Datasheet HTML 13Page - Analog Devices AMP01AX/883C Datasheet HTML 14Page - Analog Devices AMP01AX/883C Datasheet HTML 15Page - Analog Devices AMP01AX/883C Datasheet HTML 16Page - Analog Devices AMP01AX/883C Datasheet HTML 17Page - Analog Devices AMP01AX/883C Datasheet HTML 18Page - Analog Devices AMP01AX/883C Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
AMP01
–15–
REV. D
HEATSINKING
To maintain high reliability, the die temperature of any IC
should be kept as low as practicable, preferably below 100
°C.
Although most AMP01 application circuits will produce very
little internal heat — little more than the quiescent dissipation
of 90 mW—some circuits will raise that to several hundred
milliwatts (for example, the 4-20 mA current transmitter appli-
cation, Figure 37). Excessive dissipation will cause thermal
shutdown of the output stage thus protecting the device from
damage. A heatsink is recommended in power applications to
reduce the die temperature.
Several appropriate heatsinks are available; the Thermalloy
6010B is especially easy to use and is inexpensive. Intended for
dual-in-line packages, the heatsink may be attached with a
cyanoacrylate adhesive. This heatsink reduces the thermal resis-
tance between the junction and ambient environment to ap-
proximately 80
°C/W. Junction (die) temperature can then be
calculated by using the relationship:
Pd =
T J – T A
θ
JA
where TJ and TA are the junction and ambient temperatures
respectively,
θ
JA is the thermal resistance from junction to ambi-
ent, and Pd is the device’s internal dissipation.
OVERVOLTAGE PROTECTION
Instrumentation amplifiers invariably sit at the front end of
instrumentation systems where there is a high probability of
exposure to overloads. Voltage transients, failure of a trans-
ducer, or removal of the amplifier power supply while the signal
source is connected may destroy or degrade the performance of
an unprotected amplifier. Although it is impractical to protect
an IC internally against connection to power lines, it is relatively
easy to provide protection against typical system overloads.
The AMP01 is internally protected against overloads for gains
of up to 100. At higher gains, the protection is reduced and
some external measures may be required. Limited internal over-
load protection is used so that noise performance would not be
significantly degraded.
AMP01 noise level approaches the theoretical noise floor of the
input stage which would be 4 nV/
√Hz at 1 kHz when the gain is
set at 1000. Noise is the result of shot noise in the input devices
and Johnson noise in the resistors. Resistor noise is calculated
from the values of RG (200
Ω at a gain of 1000) and the input
protection resistors (250
Ω). Active loads for the input transis-
tors contribute less than 1 nV/
√Hz of noise. The measured noise
level is typically 5 nV/
√Hz.
Diodes across the input transistor’s base-emitter junctions,
combined with 250
Ω input resistors and R
G, protect against
differential inputs of up to
±20 V for gains of up to 100. The
diodes also prevent avalanche breakdown that would degrade
the IB and IOS specifications. Decreasing the value of RG for
gains above 100 limits the maximum input overload protection
to
±10 V.
External series resistors could be added to guard against higher
voltage levels at the input, but resistors alone increase the input
noise and degrade the signal-to-noise ratio, especially at high
gains.
Protection can also be achieved by connecting back-to-back
9.1 V Zener diodes across the differential inputs. This technique
does not affect the input noise level and can be used down to a
gain of 2 with minimal increase in input current. Although
voltage-clamping elements look like short circuits at the limiting
voltage, the majority of signal sources provide less than 50 mA,
producing power levels that are easily handled by low-power
Zeners.
Simultaneous connection of the differential inputs to a low
impedance signal above 10 V during normal circuit operation is
unlikely. However, additional protection involves adding 100
Ω
current-limiting resistors in each signal path prior to the voltage
clamp, the resistors increase the input noise level to just
5.4 nV/
√Hz (refer to Figure 35).
Input components, whether multiplexers or resistors, should be
carefully selected to prevent the formation of thermocouple
junctions that would degrade the input signal.
VOUT
+15V
+IN
–IN
AMP01
9.1V 1W
ZENERS
100
1W
*
100
1W
*
OPTIONAL PROTECTION
RESISTORS, SEE TEXT.
*
LINEAR INPUT RANGE,
5V MAXIMUM
DIFFERENTIAL PROTECTION
TO
30V
–15V
Figure 35. Input Overvoltage Protection for Gains
2 to 10,000
POWER SUPPLY CONSIDERATIONS
Achieving the rated performance of precision amplifiers in a
practical circuit requires careful attention to external influences.
For example, supply noise and changes in the nominal voltage
directly affect the input offset voltage. A PSR of 80 dB means
that a change of 100 mV on the supply, not an uncommon
value, will produce a 10
µV input offset change. Consequently,
care should be taken in choosing a power unit that has a low
output noise level, good line and load regulation, and good
temperature stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com