Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01AX/883C Datasheet(PDF) 20 Page - Analog Devices

Part # AMP01AX/883C
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX/883C Datasheet(HTML) 20 Page - Analog Devices

Back Button AMP01AX/883C Datasheet HTML 14Page - Analog Devices AMP01AX/883C Datasheet HTML 15Page - Analog Devices AMP01AX/883C Datasheet HTML 16Page - Analog Devices AMP01AX/883C Datasheet HTML 17Page - Analog Devices AMP01AX/883C Datasheet HTML 18Page - Analog Devices AMP01AX/883C Datasheet HTML 19Page - Analog Devices AMP01AX/883C Datasheet HTML 20Page - Analog Devices AMP01AX/883C Datasheet HTML 21Page - Analog Devices AMP01AX/883C Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AMP01
–20–
REV. D
18
1
2
3
9
13
10
12
11
V–
200k
20k
2k
200
G1
G10
G100
G1000
V+
RG
RG
7
8
1/2 OP215
+
–
8
4
V–
V+
1
2
3
1.82k
1 F
16.2k
OUTPUT
1/2 OP215
+
–
1.62M
9.09k
G1000
G1,10,100
100
1k
8
AMP01
14
15
10k
RS
RS
RG
RG
16.2k
1 F
en (G = 1, 10, 100) =
eOUT
1000
G
en (G = 1000) =
eOUT
100
G
1 F
5
6
7
Figure 44. Noise Test Circuit (0.1 Hz to 10 Hz)
18
1
2
3
9
13
10
12
11
200k
0.1%
20k
0.1%
2k
0.1%
200
0.1%
G1
G10
G100
G1000
RG
RG
7
8
8
14
15
0.047 F
0.047 F
V+
V–
10k
0.1%
10
0.1%
102
0.1%
1.1k
0.1%
G1000
G100
G1
G10
10k
0.1%
2k
0.1%
RG
RG
AMP01
RS
RS
1.91k
0.1%
200
10T
2
HSCH-1001
VIN
20V p-p
VOUT
Figure 45. Settling-Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com