Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231 Datasheet(HTML) 5 Page - Texas Instruments

  INA231 Datasheet HTML 1Page - Texas Instruments INA231 Datasheet HTML 2Page - Texas Instruments INA231 Datasheet HTML 3Page - Texas Instruments INA231 Datasheet HTML 4Page - Texas Instruments INA231 Datasheet HTML 5Page - Texas Instruments INA231 Datasheet HTML 6Page - Texas Instruments INA231 Datasheet HTML 7Page - Texas Instruments INA231 Datasheet HTML 8Page - Texas Instruments INA231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
NC
IN+
BUS
SCL
SDA
A0
A1
ALERT
IN-
GND
VS
NC
Columns
1
2
3
A
B
C
D
INA231
www.ti.com
SBOS644 – FEBRUARY 2013
PIN CONFIGURATIONS
YFF PACKAGE
WCSP-12
(TOP VIEW)
PIN DESCRIPTIONS
PIN
ANALOG/DIGITAL
INPUT/OUTPUT
NAME
NO.
DESCRIPTION
Address pin. Connect to GND, SCL, SDA, or VS. Table 7 shows pin settings and
A0
B3
Digital input
corresponding addresses.
Address pin. Connect to GND, SCL, SDA, or VS. Table 7 shows pin settings and
A1
C3
Digital input
corresponding addresses.
ALERT
A3
Digital output
Multi-functional alert, open-drain output.
GND
C1
Analog
Ground
NC
B2, C2
—
No internal connection
SCL
A1
Digital input
Serial bus clock line, open-drain input.
SDA
A2
Digital input/output
Serial bus data line, open-drain input/output.
BUS
D1
Analog input
Bus voltage input
IN–
D2
Analog input
Negative differential shunt voltage input. Connect to load side of shunt resistor.
IN+
D3
Analog input
Positive differential shunt voltage input. Connect to supply side of shunt resistor.
VS
B1
Analog
Power supply, 2.7 V to 5.5 V.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com