Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments INA231 Datasheet HTML 16Page - Texas Instruments INA231 Datasheet HTML 17Page - Texas Instruments INA231 Datasheet HTML 18Page - Texas Instruments INA231 Datasheet HTML 19Page - Texas Instruments INA231 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ShuntVoltage
CalibrationRegister
2048
·
Current =
´
Power Register
Current Register
I C
2
Interface
Voltage Register
GND
BUS
ADC
V
I
A0
ALERT
A1
SDA
SCL
C
0.1 F
BYPASS
m
10A
Load
Alert Register
V
(Supply Voltage)
S
+12-V Supply
IN-
IN+
R
2 m
SHUNT
W
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
CONFIGURE/MEASURE/CALCULATE EXAMPLE
In this example, shown in Figure 23, a nominal 10-A load creates a differential voltage of 20 mV across a 2-m
Ω
shunt resistor. The bus voltage for the INA231 is measured at the external BUS input pin; in this example, BUS
is connected to the IN– pin to measure the voltage level delivered to the load. For this example, the BUS pin
measures less than 12 V because the voltage at the IN– pin is 11.98 V as a result of the voltage drop across the
shunt resistor.
Figure 23. Example Circuit Configuration
For this example, assuming a maximum expected current of 15 A, the Current_LSB is calculated to be 457.7
μA/bit using Equation 2. Using a value of 500 μA/bit or 1 mA/bit for the Current_LSB significantly simplifies the
conversion from the Current register and Power register to amps and watts, respectively. For this example, a
value of 1 mA/bit was chosen for the Current register LSB. Using this value for the Current_LSB trades a small
amount of resolution for a simpler conversion process on the processor side. Using Equation 1 in this example
with a current LSB of 1 mA/bit and a shunt resistor of 2 m
Ω results in a Calibration register value of 2560, or
A00h.
The Current register (04h) is then calculated by multiplying the decimal value of the Shunt Voltage register
contents by the decimal value of the Calibration register and then dividing by 2048, as shown in Equation 3. For
this example, the Shunt Voltage register value of 8000 is multiplied by the Calibration register value of 2560 and
then divided by 2048 to yield a decimal value for the Current register of 10000, or 2710h. Multiplying this value
by 1 mA/bit results in the original 10-A level stated in the example.
(3)
The LSB for the Bus Voltage register (02h) is a fixed 1.25 mV/bit. This fixed value means that the 11.98 V
present at the BUS pin results in a register value of 2570h, or a decimal equivalent of 9584. Note that the MSB of
the Bus Voltage register is always zero because the BUS pin is only able to measure positive voltages.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com